Electronic Components Datasheet Search
  English  ▼

X  

R6000F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # R6000F
Description  0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R6000F Datasheet(HTML) 1 Page - Micro Commercial Components

  R6000F Datasheet HTML 1Page - Micro Commercial Components R6000F Datasheet HTML 2Page - Micro Commercial Components R6000F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R3500F
THRU
R6000F
0.2mA Fast Recovery
HighVoltageRectifier
3500 - 6000 Volts
DO-15
Features
•
AVALANCHE OPERATION
•
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOND
•
BEVELED ROUND CHIP
•
LOW COST
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
R3500F
R3500F
3500V
2450V
3500V
R4000F
R4000F
4000V
2800V
4000V
R5000F
R5000F
5000V
3500V
5000V
R6000F
R6000F
6000V
4200V
6000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.2A
TA = 55
°C
Peak Forward Surge
Current
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
TA = 25
°C
Typical Junction
Capacitance
A
B
C
D
D
Cathode
Mark
MCC
www.mccsemi.com
R3500F~4000F
R5000F~6000F
R3500F~4000F
R5000F~6000F
R3500F~4000F
R5000F~6000F
25 A
20 A
8.0 V
12.0 V
6 pF
4 pF
IFSM
8.3ms, half sine
VF
IFM = 0.2A;
TA = 25
°C
CJ
Measured at
1.0MHz, VR=4.0V
•
Operating Temperature -55 °C to +125 °C
•
Storage Temperature: - 55°C to +150°C
Maximum Reverse
Recovery Time
500nS
Trr
IF=0.5A,IR=1.0A,
Irr=0.25A


Similar Part No. - R6000F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R6000F LUGUANG-R6000F Datasheet
2Mb / 3P
0.2A Fast Recovery High Voltage Rectifier
logo
Rectron Semiconductor
R6000F RECTRON-R6000F Datasheet
630Kb / 5P
olts CURRENT 0.2 Ampere VOLTAGE RANGE 6000 V HIGH VOLTAGE FAST RECOVER RECTIFIER
2021-06 REV:A
More results

Similar Description - R6000F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GP02-35 MCC-GP02-35 Datasheet
107Kb / 3P
0.2 Amp High Voltage Silicon Rectifier 3500 - 6000 Volts
logo
List of Unclassifed Man...
SDH60UF ETC1-SDH60UF Datasheet
56Kb / 2P
1-1.5 AMPS 2000-6000 VOLTS ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Micro Commercial Compon...
2CL01 MCC-2CL01 Datasheet
312Kb / 1P
High Voltage Fast Recovery Rectifier 8k V Volts
logo
Solid States Devices, I...
SDH20UF SSDI-SDH20UF Datasheet
45Kb / 2P
1-1.5 AMPS 2000-6000 VOLTS ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH20HF SSDI-SDH20HF Datasheet
26Kb / 2P
0.6 - 1 AMPS 2000 - 6000 VOLTS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDRS614 SSDI-SDRS614 Datasheet
25Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDRS614LL SSDI-SDRS614LL Datasheet
29Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH20UF SSDI-SDH20UF_1 Datasheet
88Kb / 2P
1-1.5 AMP 2000-6000 VOLTS ULTRA FAST RECOVERY RECTIFIER
SGB10UFSMS SSDI-SGB10UFSMS_1 Datasheet
81Kb / 2P
60 mAMP 1000-3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
logo
Shanghai Lunsure Electr...
R2500F CHENYI-R2500F Datasheet
46Kb / 2P
200Milliamp High voltage fast recovery silicon rectifier 2500to3000 volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com