Electronic Components Datasheet Search
  English  ▼

X  

RGP10B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RGP10B
Description  1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGP10B Datasheet(HTML) 1 Page - Micro Commercial Components

  RGP10B Datasheet HTML 1Page - Micro Commercial Components RGP10B Datasheet HTML 2Page - Micro Commercial Components RGP10B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RGP10A
THRU
RGP10M
Features
•
High temperature metallurgically bonded construction
•
Glass passivated cavity-free junction
•
1.0 ampere operation at TA= 55
OC with no
thermal runaway.
•
Typical IR less than 0.1uA
•
Fast switching for high efficiency
Maximum Ratings
•
Operating Temperature: -55
OC to +150CC
•
Storage Temperature: -55
CC to +150CC
•
Typical Thermal Resistance: 55
OC/W Junction to Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
RGP10A
50V
35V
50V
RGP10B
100V
70V
100V
RGP10D
200V
140V
200V
RGP10G
400V
280V
400V
RGP10J
600V
420V
600V
RGP10K
800V
560V
800V
RGP10M
1000V
700V
1000V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Maximum Average
Forward Current
IF(AV)
1.0 A
TA = 55
OC
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
200uA
TA = 25
OC
TA = 150
OC
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
RGP10A-10G
RGP10J
RGP10K-10M
Trr
150nS
250nS
500nS
TJ=25
OC
IF=0.5A
IR=1.0A
IRR=0.25A
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
www.mccsemi.com
DO-41
A
B
C
D
D
Cathode
Mark
1.0 Amp Glass
Passivated Junction
Fast Recovery
Rectifiers
50 to 1000 Volts
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - RGP10B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10B ZOWIE-RGP10B Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
RGP10B FAIRCHILD-RGP10B Datasheet
35Kb / 3P
1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
General Semiconductor
RGP10B GE-RGP10B Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
First Components Intern...
RGP10B FCI-RGP10B Datasheet
137Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
logo
Taiwan Semiconductor Co...
RGP10B TSC-RGP10B Datasheet
67Kb / 2P
1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - RGP10B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GP10A MCC-GP10A Datasheet
84Kb / 3P
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP20A MCC-GP20A Datasheet
80Kb / 3P
2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP30A MCC-GP30A Datasheet
80Kb / 3P
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP20A MCC-RGP20A Datasheet
83Kb / 3P
2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
RGP10A TSC-RGP10A Datasheet
67Kb / 2P
1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
Micro Commercial Compon...
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com