Electronic Components Datasheet Search
  English  ▼

X  

62086 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62086
Description  High output, 850nm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62086 Datasheet(HTML) 2 Page - Micropac Industries

  62086 Datasheet HTML 1Page - Micropac Industries 62086 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62086
LIGHT-EMITTING DIODE
4/25/07
ELECTRICAL CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
PO
1
mW
IF = 20mA
Forward Voltage
VF
1.8
V
IF = 20mA
Reverse Breakdown Voltage
BVR
5
V
IR = 10µA
Rise Time
Fall Time
tR
tF
38
15
ns
IF = 50mA
Peak Wavelength
λP
850
nm
IF = 50mA
Beam Angle
θ
20
degrees
1
Forward Max Continuous Current
IF(MAX)
100
mA
25°C Case
NOTES:
1.
Angle between half-intensity points.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
50
mA
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62086-001
Commercial
62086-101
Screened



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com