Electronic Components Datasheet Search
  English  ▼

X  

62087 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62087
Description  Hermetically sealed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62087 Datasheet(HTML) 2 Page - Micropac Industries

  62087 Datasheet HTML 1Page - Micropac Industries 62087 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62087
HIGH OUTPUT 850 nm LIGHT EMITTING DIODE “PILL PACK”
08/12/2009
ELECTRICAL CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
PO
1.8
mW
IF = 50 mA
Forward Voltage
VF
1.8
V
IF =50 mA
Reverse Breakdown Voltage
BVR
5
V
IB = 10 µA
Rise Time
tR
38
ns
IF =50 mA
Fall Time
tF
15
ns
IF =50 mA
Peak Wavelength
λP
850
nm
IF =50 mA
Beam Angle
θ
20
degrees
1
Forward Max Continuous Current
IF(MAX)
100
mA
25
°C Case
NOTES:
1.
Angle between half-intensity points.
20
1.80
V - FORWARD VOLTAGE, V
1.26
0.90
0
F
1.08
1.44
1.62
60
40
100
80
FORWARD VOLTAGE
vs
FORWARD CURRENT
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
50
mA
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62087-001
Commercial
62087-101
Screened to JANTX level
62087-105
Screened to JANTXV level
62087-301
Screened to JANS level



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com