Electronic Components Datasheet Search
  English  ▼

X  

62096 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62096
Description  Hermetically sealed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62096 Datasheet(HTML) 1 Page - Micropac Industries

  62096 Datasheet HTML 1Page - Micropac Industries 62096 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62096
660 nm RED LIGHT EMITTING DIODE “PIGTAIL”
(Proton Tolerant LED)
09/22/03
Features:
•
Hermetically sealed
•
High output, 660nm
•
Small package
•
PC board mountable
Applications:
•
Incremental encoding
•
Reflective sensors
•
Position sensors
•
Level sensors
DESCRIPTION
The 62096 is a P-N 660 nm Light Emitting Diode in a lensed coaxial package designed to be mounted in a single-clad
printed circuit board. It is spectrally and mechanically matched to companion phototransistors and photodarlingtons with its
narrow beam angle lens and small size which make it ideal for use in optical encoders, card reader arrays, etc. This device
is also available with a lead attached to the case so that it may be connected without the use of a printed board. Available
binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage (at 25°C case temperature) ............................…...................................................................................... 3Vdc
Forward Current-Continuous (Note 1) ...............................................................................................................................100mA
Storage Temperature………………………………………………………………………………………………….-65°C to +150°C
Operating Temperature………………………………………………………………………………………………..-55°C to +100°C
Soldering Temperature (10 seconds, 1/16” from case) ..................................................................................................... 240°C
NOTES:
1.
Derate linearly at the rate of 1.33 mA/
°C above 25°C.
Package Dimensions
Schematic Diagram
0.089 [2.26]
0.114 [2.90]
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
1.100 [27.94] TYP.
1.000 [25.40]
0.020 [0.51]
OPTIONAL
CATHODE
ANODE
Ø0.063 [Ø1.60]
Ø0.077 [Ø1.96]
Ø0.095 [Ø2.41]
Ø0.020 [0.51]
CATHODE
K
A
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 62096

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
62091-1 MACOM-62091-1 Datasheet
944Kb / 22P
FASTON Receptacles
62091-2 MACOM-62091-2 Datasheet
944Kb / 22P
FASTON Receptacles
62092-1 MACOM-62092-1 Datasheet
944Kb / 22P
FASTON Receptacles
logo
Micropac Industries
62094 MICROPAC-62094 Datasheet
120Kb / 2P
VISIBLE HERMETIC LED INDICATOR
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
More results

Similar Description - 62096

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61111 MICROPAC-61111 Datasheet
90Kb / 2P
Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
62120 MICROPAC-62120 Datasheet
66Kb / 2P
Hermetically sealed
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
1N3600 MA-COM-1N3600 Datasheet
613Kb / 3P
Hermetically Sealed
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com