Electronic Components Datasheet Search
  English  ▼

X  

65021 Datasheet(PDF) 1 Page - Micropac Industries

Part # 65021
Description  High magnetic sensitivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65021 Datasheet(HTML) 1 Page - Micropac Industries

  65021 Datasheet HTML 1Page - Micropac Industries 65021 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
65021
HIGH RELIABILITY HALL EFFECT SENSOR
NON-LATCHING OUTPUT
OPTOELECTRONIC PRODUCTS
DIVISION
07/22/2009
Features:
•
Wide operating temperature range -55 ºC to +150ºC
•
High magnetic sensitivity
•
Low current CMOS Technology
•
Wide operating voltage range 3.5 to 24 V
•
Chopper stabilized amplifier minimizes amplifier
offset resulting in improved temperature stability
Applications:
•
Solid state switch
•
Motor controls
•
Speed sensing
•
Angular Position sensing
•
Linear Position Sensing
•
Current Sensing
DESCRIPTION
The 65021 Hall effect sensor detects the presence of a magnetic field and provides a switch output.
It is
packaged in a hermetically sealed three pin ceramic package and can be used in many harsh environments. An
internal chopper stabilized amplifier eliminates input offset voltages normally associated with bipolar devices
resulting in improved operating point stability. The output transistor will be “Switched ON” in the presence of a
sufficiently strong South pole magnetic field facing the marked side of the package that meets or exceeds the
operate point (BOP) of the sensor. The output will be “Switched OFF” as the South pole magnetic field is
decreased below the release point (BRP) of the sensor.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Range ............................................................................................................................................ 3.5 V to 24.0 V
Supply Current (Fault)...........................................................................................................................................................50 mA
Power Dissipation, @ TA = 25°C (PD) ............................................................................................................................... 100 mW
Output Current (Fault) ...........................................................................................................................................................50 mA
Storage Temperature.......................................................................................................................................... .-65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................. -55°C to +150°C
Lead temperature (10 seconds, 1/16” from case).……......................…. ..........................................................................+260°C
Package Dimensions
Schematic Diagram
2
3
VOLTAGE
REGULATOR
1
0.230
[5.84]
0.050±0.005
[1.27±0.13]
0.400 [10.16]
MIN.
0.160
[4.06]
0.015±0.005
[0.38±0.13]
0.100 [2.54]
TOLERANCE: ±0.010 UNLESS OTHERWISE SPECIFIED.
CENTER OF
SENSING AREA
2
1
3
0.100 [2.54]
0.080 [2.03]
0.020 [0.51]
0.060 [1.52]
GND
VOUT
VCC
CHOPPER
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
HALL CELL


Similar Part No. - 65021

ManufacturerPart #DatasheetDescription
logo
Clarke International
6502146 CLARKE-6502146 Datasheet
3Mb / 16P
225MM LONG REACH DRYWALL SANDER (110V)
DL0222 REV 2
6502146 CLARKE-6502146 Datasheet
3Mb / 16P
225MM LONG REACH DRYWALL SANDER (230V)
DL0222 REV 2
6502147 CLARKE-6502147 Datasheet
3Mb / 16P
225MM LONG REACH DRYWALL SANDER (110V)
DL0222 REV 2
6502147 CLARKE-6502147 Datasheet
3Mb / 16P
225MM LONG REACH DRYWALL SANDER (230V)
DL0222 REV 2
6502148 CLARKE-6502148 Datasheet
3Mb / 16P
225MM LONG REACH DRYWALL SANDER (110V)
DL0222 REV 2
More results

Similar Description - 65021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AB001-02 ETC-AB001-02 Datasheet
110Kb / 4P
Excellent Sensitivity to Applied Magnetic Fields
logo
Micropac Industries
65025 MICROPAC-65025 Datasheet
42Kb / 2P
High magnetic sensitivity
65028 MICROPAC-65028 Datasheet
43Kb / 2P
High magnetic sensitivity
65035 MICROPAC-65035 Datasheet
219Kb / 3P
High magnetic sensitivity
logo
Omron Electronics LLC
W2DN-02A OMRON-W2DN-02A Datasheet
284Kb / 6P
High sensitivity magnetic sensor making use of the magnetic impedance effect.
logo
American Electronic Com...
TMR400X AEC-TMR400X Datasheet
500Kb / 7P
TMR Gear tooth sensor with high sensitivity to magnetic field
TMR401X AEC-TMR401X Datasheet
552Kb / 6P
TMR Geartooth sensor with high sensitivity to magnetic field gradient
logo
AnaSem Hong Kong Limite...
MRY1518C ANASEM-MRY1518C Datasheet
1Mb / 14P
Continuous detection, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-03
logo
MultiDimension Technolo...
AGV-TMR15XN MULTIDIMENSION-AGV-TMR15XN Datasheet
639Kb / 5P
16-Channel, High Sensitivity AGV Magnetic Guide Sensors
Version 2.0
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com