Electronic Components Datasheet Search
  English  ▼

X  

65035 Datasheet(PDF) 1 Page - Micropac Industries

Part # 65035
Description  High magnetic sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65035 Datasheet(HTML) 1 Page - Micropac Industries

  65035 Datasheet HTML 1Page - Micropac Industries 65035 Datasheet HTML 2Page - Micropac Industries 65035 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
65035
HIGH RELIABILITY BACK BIASED HALL EFFECT
STUD, SWITCHING OUTPUT WITH CABLE
11/30/06
Features:
•
Wide operating temperature range -55 ºC to +150ºC
•
High magnetic sensitivity
•
Wide operating voltage range 18 to 32 V
•
Chopper stabilized amplifier minimizes amplifier
offset resulting in improved temperature stability
•
MIL-STD-202 and MIL-STD-461E Qualified
Applications:
•
Proximity sensing of Ferrous targets
•
Gear tooth sensing
•
Speed sensing
•
Angular Position sensing
•
Linear Position Sensing
DESCRIPTION
The 65035 Hall effect stud sensor detects the presence of a ferrous material and provides a switched output. The
sensor switches LOW in the presence of a ferrous target and switches HIGH when the target is removed. The
sensor is built into a threaded stainless steel tube and contains a single element Hall effect IC with an integral
Samarium Cobalt magnet and pole piece to optimize sensor performance. Additional circuitry is added to expand
the operating supply voltage range and provide surge protection against outside induced transcients.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Range. ........................................................................................................................................ 18.0 V to 32.0 V
Supply Current (Fault) ......................................................................................................................................... ………... 30 mA.
Power Dissipation, @ TA = 25°C (PD)…….…………………………..………………………..……………………………….100 mW
Output Current (Fault) ………………………………………………………………………………………………………….....20 mA
Storage Temperature.................................................................................................................................……...-65°C to +150°C
Operating Free-Air Temperature Range.............................................................................................................. -55°C to +150°C
Package Dimensions
HARDWARE SUPPLIED SEPARATELY,
NOT ASSEMBLED TO THE PART.
0.070 X 0.035
KEYWAY
0.469
ALL DIMENSIONS ARE IN INCHES.
TOLERANCE: ±0.010 UNLESS OTHERWISE SPECIFIED.
0.469 - 32UNS-2A
FULLY THREADED
1.975
24 AWG, TWISTED
TRIPLET CABLE
34" MIN. LONG
Schematic Diagram
HED
SHIELD IS INTERNALLY
CONNECTED TO CASE
VOLT
REG.
GROUND
(BLUE)
Vcc = +28 V
(WHITE)
OUTPUT
(ORANGE)
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 65035

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6503 3M-6503 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Littelfuse
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
Power Transformer Protection
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
More results

Similar Description - 65035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AB001-02 ETC-AB001-02 Datasheet
110Kb / 4P
Excellent Sensitivity to Applied Magnetic Fields
logo
Micropac Industries
65021 MICROPAC-65021 Datasheet
43Kb / 2P
High magnetic sensitivity
65025 MICROPAC-65025 Datasheet
42Kb / 2P
High magnetic sensitivity
65028 MICROPAC-65028 Datasheet
43Kb / 2P
High magnetic sensitivity
logo
Omron Electronics LLC
W2DN-02A OMRON-W2DN-02A Datasheet
284Kb / 6P
High sensitivity magnetic sensor making use of the magnetic impedance effect.
logo
American Electronic Com...
TMR400X AEC-TMR400X Datasheet
500Kb / 7P
TMR Gear tooth sensor with high sensitivity to magnetic field
TMR401X AEC-TMR401X Datasheet
552Kb / 6P
TMR Geartooth sensor with high sensitivity to magnetic field gradient
logo
AnaSem Hong Kong Limite...
MRY1518C ANASEM-MRY1518C Datasheet
1Mb / 14P
Continuous detection, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-03
logo
MultiDimension Technolo...
AGV-TMR15XN MULTIDIMENSION-AGV-TMR15XN Datasheet
639Kb / 5P
16-Channel, High Sensitivity AGV Magnetic Guide Sensors
Version 2.0
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com