Electronic Components Datasheet Search
  English  ▼

X  

65037 Datasheet(PDF) 1 Page - Micropac Industries

Part # 65037
Description  Wide operating voltage range 18 to 32 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65037 Datasheet(HTML) 1 Page - Micropac Industries

  65037 Datasheet HTML 1Page - Micropac Industries 65037 Datasheet HTML 2Page - Micropac Industries 65037 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
65037 HIGH RELIABILITY BACK BIASED HALL EFFECT STUD,
NON-LATCHING OUTPUT, INTEGRAL CONNECTOR
09/05/06
Features:
•
Wide operating temperature range -55 ºC to +150ºC
•
High magnetic sensitivity
•
Wide operating voltage range 18 to 32 V
•
Chopper stabilized amplifier minimizes amplifier
offset resulting in improved temperature stability
•
MIL-STD-202 and MIL-STD-461E Qualified
Applications:
•
Proximity sensing of Ferrous targets
•
Gear tooth sensing
•
Speed sensing
•
Angular Position sensing
•
Linear Position Sensing
DESCRIPTION
The 65037 Hall effect stud sensor detects the presence of a ferrous material and provides a switched output. The
sensor switches LOW in the presence of a ferrous target and switches HIGH when the target is removed. The
sensor is built into a threaded stainless steel tube and contains a single element Hall effect IC with an integral
Samarium Cobalt magnet and pole piece to optimize sensor performance. Additional circuitry is added to expand
the operating supply voltage range and provide surge protection against outside induced transcients.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Range. ........................................................................................................................................ 18.0 V to 32.0 V
Supply Current (Fault) ......................................................................................................................................... ………... 30 mA.
Power Dissipation, @ TA = 25°C (PD)…….…………………………..………………………..……………………………….100 mW
Output Current (Fault) ………………………………………………………………………………………………………….....20 mA
Storage Temperature.................................................................................................................................……...-65°C to +150°C
Operating Free-Air Temperature Range.............................................................................................................. -55°C to +150°C
Package Dimensions
0.469
1.975
0.070 X 0.035
KEYWAY
2.500 MAX.
PIN 1 - Vcc
PIN 2 - GROUND
PIN 3 - OUTPUT
CONNECTOR
801-012-03Z16-7CA
(GLENAIR)
0.469 - 32UNS-2A
FULLY THREADED
HARDWARE SUPPLIED SEPARATELY,
NOT ASSEMBLED TO THE PART.
TOLERANCE: ±0.010 UNLESS OTHERWISE SPECIFIED.
ALL DIMENSIONS ARE IN INCHES.
Schematic Diagram
HED
VOLT
REG.
GROUND
Vcc = +28 V
OUTPUT
CONNECTOR SHELL WELDED TO OUTER CASE
TO PROVIDE CONNECTION CONTINUITY
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 65037

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6503 3M-6503 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Micropac Industries
65035 MICROPAC-65035 Datasheet
219Kb / 3P
High magnetic sensitivity
logo
Littelfuse
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
65036R2C5.5 LITTELFUSE-65036R2C5.5 Datasheet
564Kb / 10P
Power Transformer Protection
More results

Similar Description - 65037

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
Micropac Industries
65041 MICROPAC-65041 Datasheet
119Kb / 2P
Wide operating voltage range 18 to 32 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
Wide operating voltage range
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
Infineon Technologies A...
TLE4961-1K INFINEON-TLE4961-1K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4968-1L INFINEON-TLE4968-1L Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2011-07-18
logo
Unisonic Technologies
UAS16V UTC-UAS16V Datasheet
85Kb / 4P
WIDE OPERATING VOLTAGE RANGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com