Electronic Components Datasheet Search
  English  ▼

X  

66083 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66083
Description  High gain, high voltage transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66083 Datasheet(HTML) 1 Page - Micropac Industries

  66083 Datasheet HTML 1Page - Micropac Industries 66083 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 10
66083
SINGLE CHANNEL OPTOCOUPLERS
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
REVISION A 12/29/00
Features:
•
Collector is electrically isolated from the case.
•
Overall current gain...1.5 typical (-X03)
•
Rugged package
•
High gain, high voltage transistor
•
+1kV electrical isolation
Applications:
•
Eliminate ground loops
•
Level shifting
•
Line receiver
•
Switching power supplies
•
Motor control
DESCRIPTION
The 66083 series optocoupler consist of a Gallium Aluminum Arsenide (GaAlAs) infrared LED and a high gain N-P-N silicon
phototransistor packaged in a hermetically sealed LCC case. The 66083 can be tested to customer specifications, as well as
to MIL-PRF-19500 JAN, JANS, JANTX, and JANTXV quality levels.
*ABSOLUTE MAXIMUM RATINGS
Input to Output Voltage.............................................................................................................................................................±1kV
Emitter-Collector Voltage..............................................................................................................................................................5V
Collector-Emitter Voltage............................................................................................................................................................35V
Reverse Input Voltage .................................................................................................................................................................2V
Input Diode Continuous Forward Current at (or below) 65°C Free-Air Temperature (see note 1) ....................................... 40mA
Peak Forward Input Current (Value applies for tw < 1µs, PRR < 300 pps) .................................................................................1A
Continuous Collector Current ................................................................................................................................................. 50mA
Continuous Transistor Power Dissipation at (or below) 25°C Free-Air Temperature (see Note 2) ................................... 300mW
Storage Temperature............................................................................................................................................. -65°C to +125°C
Operating Free-Air Temperature Range ............................................................................................................... -55°C to +125°C
Lead Solder Temperature (1/16” (1.6mm) from case for 10 seconds) ..................................................................................240°C
Notes:
1. Derate linearly to 125°C free-air temperature at the rate of 0.67 mA/°C above 65°C.
2. Derate linearly to 125°C free-air temperature at the rate of 5 mW/°C.
* JEDEC registered data
Package Dimensions
Schematic Diagram
K
A
C
E
1
3
2
4
ALLDIMENSIONSAREININCHES[MILLIMETERS]
0.088[2.24]
1
4
0.048[1.22]
2
3
0.225[5.72]
IDENTIFIER
PIN1
0.028[0.17]
0.055[1.40]
0.215[5.46]
0.145[3.68]
0.155[1.40]
0.061[1.55]
0.075[1.91]
0.032[0.81]
3PL
0.045[1.14]
0.072[1.83]
0.022[0.56]


Similar Part No. - 66083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66080 ETC2-66080 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
66081 ETC2-66081 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
66085 ETC2-66085 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
66086 ETC2-66086 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
Micropac Industries
66088 MICROPAC-66088 Datasheet
86Kb / 2P
SINGLE/DUAL, HIGH SPEED OPTOCOUPLER
More results

Similar Description - 66083

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH16N170A IXYS-IXBH16N170A Datasheet
51Kb / 2P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
logo
STMicroelectronics
STT818A STMICROELECTRONICS-STT818A Datasheet
87Kb / 6P
HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Feb-2001
logo
Unisonic Technologies
X1049A UTC-X1049A Datasheet
115Kb / 3P
HIGH GAIN TRANSISTOR
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
High gain low voltage PNP power transistor
08-Aug-2007
logo
Unisonic Technologies
X1049A UTC-X1049A_12 Datasheet
238Kb / 4P
HIGH GAIN TRANSISTOR
X1049A UTC-X1049A_15 Datasheet
246Kb / 4P
HIGH GAIN TRANSISTOR
logo
IXYS Corporation
IXBT20N360HV IXYS-IXBT20N360HV Datasheet
286Kb / 6P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBX25N250 IXYS-IXBX25N250 Datasheet
171Kb / 6P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH16N170 IXYS-IXBH16N170 Datasheet
182Kb / 5P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBR42N170 IXYS-IXBR42N170 Datasheet
175Kb / 5P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com