Electronic Components Datasheet Search
  English  ▼

X  

66252 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66252
Description  Low input current requirement: 0.5mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66252 Datasheet(HTML) 1 Page - Micropac Industries

  66252 Datasheet HTML 1Page - Micropac Industries 66252 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66252
6 PIN LCC, HERMETICALLY SEALED,
SINGLE CHANNEL OPTOCOUPLER
(Electrically Similar To 6N140)
09/25/03
Features:
•
High current transfer ratio: 1000% typical
•
1000 Vdc isolation test voltage
•
Low input current requirement: 0.5mA
•
Low power consumption
•
High radiation immunity
•
Faraday shield to provide high common mode
rejection
Applications:
•
Military and space
•
High reliability systems
•
Voltage level shifting
•
Isolated receiver input
•
Communication systems
•
Medical systems
DESCRIPTION
The 66252 single channel optocoupler consists of an LED optically coupled to a high gain photon detector. This unique
device provides high CTR and low leakage currents over the full military temperature range (-55°C to +125°C). The 66252 is
in a 6 pin LCC hermetically sealed package and is available in standard and screened versions or tested to customer
specifications.
ABSOLUTE MAXIMUM RATINGS
Peak Forward Input Current (
<1ms duration)......................................................................................................................... 20mA
Average Forward Input Current (Note 1) ............................................................................................................................... 10mA
Reverse Input Voltage ................................................................................................................................................................. 5V
Supply Voltage - VCC (Note 2) ......................................................................................................................................-0.5 TO 20V
Output Current - IO ................................................................................................................................................................... 40mA
Output Power Dissipation (Note 3) ......................................................................................................................................... 50mW
Output Voltage - VO (Note 2) ........................................................................................................................................-0.5 TO 20V
Storage Temperature.............................................................................................................................................. -65°C to +150°C
Operating Free-Air Temperature Range................................................................................................................. -55°C to +125°C
Lead Solder Temperature (10 seconds, 1/16” below seating plane)......................................................................................260°C
Notes:
1. Derate IF at a rate of 0.33 mA/°C above 110°C.
2. Pin 3 should be the most negative voltage at the detector side. The lowest total IOH over temperature is developed by keeping VCC as
low as possible, but greater that 2.0 V.
3. Collector output power plus supply power is total output power. Derate at rate of 0.5 mW/°C above 25°C.
Package Dimensions
Schematic Diagram
5 PLS
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
0.175 [4.45]
0.165 [4.19]
0.098 [2.49]
0.082 [2.08]
6
1
2
5
3
4
IDENTIFIER
0.250 [6.35]
0.240 [6.10]
PIN 1
0.080 [2.03]
0.066 [1.68]
VO
CATHODE 6
GND
3
4
ANODE 1
VCC
5
SHIELD
0.055 [1.40]
0.045 [1.14]
0.070 [1.78]
0.060 [1.52]
0.105 [2.67]
0.095 [2.41]
0.028 [0.71]
0.022 [0.56]
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 66252

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
662500130015 WURTH-662500130015 Datasheet
332Kb / 2P
WR-MPC3 3.00 MM MALE PRE-CRIMPED CABLE
logo
Turck, Inc.
6625003 TURCK-6625003 Datasheet
1Mb / 6P
Contactless Encoder with Stainless Steel Housing – Incremental: 1 … 5000 ppr
11/07/2023
6625003 TURCK-6625003 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
6625003 TURCK-6625003 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
6625003 TURCK-6625003 Datasheet
2Mb / 7P
Contactless Encoder – SSI Premium Line
11/07/2023
More results

Similar Description - 66252

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BEG204 BRIGHT-BL-BEG204 Datasheet
133Kb / 2P
GaAsP/GaP (Red) Low current requirement.
BL-BG43V1 BRIGHT-BL-BG43V1 Datasheet
134Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG43V1M BRIGHT-BL-BG43V1M Datasheet
137Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG43V4V BRIGHT-BL-BG43V4V Datasheet
135Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG43V4V-1 BRIGHT-BL-BG43V4V-1 Datasheet
138Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG63R4V BRIGHT-BL-BG63R4V Datasheet
152Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG63V4V BRIGHT-BL-BG63V4V Datasheet
149Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG63V4V-1 BRIGHT-BL-BG63V4V-1 Datasheet
135Kb / 3P
LED AlInGaN Green Low current requirement.
BL-BG63V4V-2 BRIGHT-BL-BG63V4V-2 Datasheet
133Kb / 3P
LED AlInGaN Green Low current requirement.
logo
Fairchild Semiconductor
6N139SDM FAIRCHILD-6N139SDM Datasheet
442Kb / 14P
Low current ??0.5mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com