Electronic Components Datasheet Search
  English  ▼

X  

66286 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66286
Description  Small size saves real estate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66286 Datasheet(HTML) 2 Page - Micropac Industries

  66286 Datasheet HTML 1Page - Micropac Industries 66286 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66286
PHOTOVOLTAIC SURFACE MOUNT OPTOCOUPLER
02/28/2008
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input diode Static Reverse Current
IR
100
µA
VR = 2 V
Input Diode Static Reverse Voltage
VR
3
V
IR = 10 µA
Input Diode Static Forward Voltage
VF
2.2
3.0
V
IF = 10 mA
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
Open Circuit Voltage
VOC
12.0
14.0
V
IF = 10 mA
Short Circuit Current
ISC
10.0
µA
IF = 10 mA
Turn ON Time
Turn OFF Time
tON
tOFF
60
60
250
250
µs
F = 1 KHz, IF = 10 mA,
C = 15 pF, RL = 1 MΩ,
Pulse Width = 1 ms
tON = 0% to 90%,
tOFF = 100% to 10%,
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current
I
1
20
mA
Operating Temperature
TA
-55
125
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com