Electronic Components Datasheet Search
  English  ▼

X  

66287 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66287
Description  TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66287 Datasheet(HTML) 2 Page - Micropac Industries

  66287 Datasheet HTML 1Page - Micropac Industries 66287 Datasheet HTML 2Page - Micropac Industries 66287 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66287
TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLER
06/06/06
ELECTRICAL CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Reverse Current
IR
100
µA
VR = 6V
Input Diode Static Forward Voltage
VF
1.3
V
IF = 1.0mA
Reverse Breakdown Voltage
BVR
5
V
IR = 10µA
Peak Wavelength
λp
850
nm
IF = 1.0mA
Input Diode Capacitance
CIN
18
PF
V = 0V, f = 1MHz
OUTPUT TRANSISTOR
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Emitter Breakdown Voltage
V(BR)CEO
30
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
7
V
IC = 10µA
Collector-Emitter Dark Current
ICEO1
50
nA
VCE = 10V, IF = 0mA
Collector-Emitter Dark Current
+100
0 C
ICEO2
1
µA
VCE = 10V, TA=+100
0 C
COUPLED CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
On State Collector Current
IC(ON)
1
mA
VCE = 5V, IF = 1.0mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.4
V
IF = 1.0mA, IC = 100µA
Isolation Resistance
RISO
10
11
Ω
VIN-OUT = 500V
Input to Output Capacitance
CIO
0.2
pF
VIN-OUT = 0V
f = 1MHz
Turn-on Time
Ton
7.0
µs
VCE = 5V, IF = 2mA, RL = 100Ω
Turn-off Time
Toff
5.5
µs
VCE = 5V, IF = 2mA, RL = 100Ω
Rise Time
tr
3.0
µs
VCE = 10V, IF = 2mA, RL = 100Ω
Fall Time
tf
4.5
µs
VCE = 10V, IF = 2mA, RL = 100Ω
TEST CIRCUIT
WAVE FORMS
t
90%
INPUT
PULSE
t
INPUT
R1
I
OUTPUT
Vcc = +10 V
RL
Adjust I to produce I = 2 mA
F
I C
F
C
OUTPUT
PULSE
10%
t
t
on
off
r
f
Switching Time Test Circuit and Waveforms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com