Electronic Components Datasheet Search
  English  ▼

X  

66293 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66293
Description  PROTON RADIATION TOLERANT SINGLE-DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66293 Datasheet(HTML) 2 Page - Micropac Industries

  66293 Datasheet HTML 1Page - Micropac Industries 66293 Datasheet HTML 2Page - Micropac Industries 66293 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66293
PROTON RADIATION TOLERANT SINGLE/DUAL CHANNEL,
LOW-INPUT CURRENT OPTOCOUPLER (Electrically similar to 6N140)
07/20/2006
ELECTRICAL CHARACTERISTICS
TA = -55
°C to 125°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Current Transfer Ratio
CTR
300
200
750
400
%
%
IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V
IF = 5.0 mA, VO = 0.4 V, VCC = 4.5 V
1,2
1,2
Logic Low Output Voltage
VOL
0.1
0.2
0.4
0.4
V
V
IF = 1.6 mA, IOL = 1.5 mA, VCC = 4.5 V
IF = 5.0 mA, IOL = 10 mA, VCC = 4.5 V
1
Logic High Output Current
IOH
.005
250
µA
IF = 2 µA, VO = VCC = 18 V
1,3
High Level Output Current
-XX1
-XX2
ICCH
.01
10
20
µA
µA
IF1 = 0 mA, VCC = 18 V
IF1 = IF2 = 0 mA, VCC = 18 V
Low Level Supply Current
-XX1
-XX2
ICCL
.01
2
4
mA
mA
IF1 = 1.6 mA, VCC = 18 V
IF1 = IF2 =1.6 mA, VCC = 18 V
Input Forward Voltage
VF
1.4
1.7
V
IF = 1.6 mA
1
Input Reverse Breakdown Voltage
BVR
5
V
IR = 10 µA
1
Input-Output Insulation Leakage
Current
II—O
1.0
µA
VI—0 = 1500 Vdc,
Relative Humidity = 45%
TA = 25°C, t = 5 s
4
Propagation Delay Time To High
Output Level
tPLH
14
8
50
30
µs
µs
IF = 1.6mA, VCC = 5.0 V, RL = 1.5 kΩ
IF = 5 mA, VCC = 5.0 V, RL = 680 Ω
Propagation Delay Time To Low
Output Level
tPHL
3
2
30
10
µs
µs
IF = 1.6 mA, VCC = 5.0 V, RL = 1.5 kΩ
IF = 5 mA, VCC = 5.0 V, RL = 680 Ω
TYPICAL CHARACTERISTICS
TA = 25
°C, V
CC = 5V Each Channel
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
60
pF
VF = 0, f = 1 MHz, TA = 25°C
1
Capacitance (Input-Output)
CI-O
1.5
pF
f = 1MHz, TA = 25
°C
1, 5
Input Diode Temperature
Coefficient
∆VF
∆TA
-1.8
mV/°C
IF = 1.6 mA
1
Resistance (Input-Output)
RI-0
10
12
Ω
VI—O = 500 V, TA = 25
°C
1, 5
Resistance (Input-Input)
RI-I
10
12
Ω
VI—I = 500 V, TA = 25
°C
6
Input-Input Insulation Leakage
Current
II-I
0.5
nA
Relative Humidity = 45%
VI—I = 500 V, t = 5s
6
Common Mode Transient
immunity at High Output Level
CMH
500
1000
V/
µs
VCM = 50 V P-P, VCC = 5.0 V,
RL = 1.5 kΩ, IF = 0 mA, TA = 25
°C
7,9
Common Mode Transient
Immunity at Low Output Level
CML
500
1000
V/
µs
VCM = 50 V P-P, VCC = 5.0 V,
RL = 1.5 kΩ, IF = 1.6 mA, TA = 25
°C
8,9
NOTES:
1.
Each channel.
2.
CURRENT TRANSFER RATIO is defined as the ratio of output collector current, IO, to the forward LED input current., IF , times 100%.
3.
IF = 2 µA for channel under test. For all other channels, IF = 10 mA.
4.
Device considered a two-terminal device.
5.
Measured between each input pair shorted together and all output pins shorted together.
6.
Measured between each input pair shorted together.
7.
CMH is the maximum tolerable common mode transient to assure that the output will remain in a high logic state (i.e. VO > 2.0 V).
8.
CML is the maximum tolerable common mode transient to assure that the output will remain in a low logic state (i.e. VO < 0.8 V).
9.
In applications where dV/dt may exceed 50,000 V/
µs (such as static discharge) a series resistor, RCC , should be included to protect the detector IC’s from
destructively high surge currents. The recommended value is RCC =
k
Ω.
1V
0.60 IF(mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com