Electronic Components Datasheet Search
  English  ▼

X  

NJM3770AFM2 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM3770AFM2
Description  STEPPER MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3770AFM2 Datasheet(HTML) 2 Page - New Japan Radio

  NJM3770AFM2 Datasheet HTML 1Page - New Japan Radio NJM3770AFM2 Datasheet HTML 2Page - New Japan Radio NJM3770AFM2 Datasheet HTML 3Page - New Japan Radio NJM3770AFM2 Datasheet HTML 4Page - New Japan Radio NJM3770AFM2 Datasheet HTML 5Page - New Japan Radio NJM3770AFM2 Datasheet HTML 6Page - New Japan Radio NJM3770AFM2 Datasheet HTML 7Page - New Japan Radio NJM3770AFM2 Datasheet HTML 8Page - New Japan Radio NJM3770AFM2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM3770A
Figure 2. Pin configurations
s PIN CONFIGURATIONS
s PIN DESCRIPTION
EMP
DIP
PLCC
Symbol
Description
11
10
M
B
Motor output B, Motor current flows from M
A to MB when Phase is high.
2
2
11
T
Clock oscillator. Timing pin connect a 56 k
Ω resistor and a 820 pF in
parallel between T and Ground.
3
3,14
12,4
V
MM
Motor supply voltage, 10 to 40 V. Pin 3(12) and pin 14(4) should be wired to
gether.
4-7,
4,5,
1-3,9,
GND
Ground and negative supply. Note these pins are used for heatsinking.
14-18
12,13
13-17,28
Make sure that all ground pins are soldered onto a suitable large copper
ground plane for efficient heat sinking.
86
18
V
CC
Logic voltage supply normally +5 V.
97
19
I
1
Logic input. It controls, together with the I0 input, the current level in the output
stage.
The controllable levels are fixed to 100, 60, 20, 0%.
10
8
20
Phase
Controls the direction of the motor current of M
A and MB outputs.
Motor current flows from M
A to MB when the phase input is high.
11
9
21
I
0
Logic input. It controls, together with the I
1 input, the current level in the output
stage.
The controllable levels are fixed to 100, 60, 20, 0%.
12
10
23
C
Comparator input. This input senses the instantaneous voltage across the
sensing
resistor, filtered through a RC Network.
13
11
24
V
R
Reference voltage. Controls the threshold voltage of the comparator and hence
the output current. Input resistance: typically 6.8 k
Ω ± 20%.
19
15
6
M
A
Motor output A, Motor current flows from M
A to MB when Phase is high.
20
16
8
E
Common emitter. Connect the Sense resistor between this pin and ground.
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
I1
VR
M
B
VCC
T
VMM
GND
E
Phase
0
C
19
20
GND
GND
GND
GND
GND
GND
GND
VMM
M
A
NJM
3770AE2
I
N/C
A
N/C
E
GND
B
T
N/C
V
C
N/C
I
Phase
I
5
6
7
8
9
10
11
25
24
23
22
21
20
19
R
0
1
M
M
NJM
3770AFM2
B
T
MM
GND
GND
CC
1
Phase
E
M
GND
GND
V
C
I
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
VMM
R
0
I
V
V
M
NJM
3770AD3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com