Electronic Components Datasheet Search
  English  ▼

X  

SF500GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF500GP
Description  5 Amp Surper Fast 50 - 4 00 Volts Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF500GP Datasheet(HTML) 1 Page - Micro Commercial Components

  SF500GP Datasheet HTML 1Page - Micro Commercial Components SF500GP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF500GP
thru
SF504GP
5Amp Surper Fast
50 - 400Volts
DO-201AD
Features
•
Low forward voltage, high current capability
•
Hermetically sealed
•
High surge capability
•
Superfast recovery times-epitaxial construction
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance;
25.0°C/W Junction To Lead
Microsemi
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SF500GP
SF500GP
50V
35V
50V
SF501GP
SF501GP
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TA =
55°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.95V
IFM = 5.0A;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
TA = 25
°C
Maximum Reverse
Recovery Time
T rr
35nS
Test Conditions
IF=.5A,IR=1A,Irr=.25A
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
MCC
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
SF502GP
SF502GP
200V
140V
200V
SF503GP
SF503GP
300V
210V
300V
SF504GP
SF504GP
400V
280V
400V
SF500~SF502
1.25V
300uA
TA = 125
°C
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
SF503~SF504
Recovery Rectifiers


Similar Part No. - SF500GP

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF5001 VANLONG-SF5001 Datasheet
93Kb / 2P
900.00 MHZ SAW FILTER
SF5002 VANLONG-SF5002 Datasheet
123Kb / 2P
902.30 MHz SAW Filter
SF5003 VANLONG-SF5003 Datasheet
90Kb / 2P
903.65 MHz SAW Filter
SF5004 VANLONG-SF5004 Datasheet
93Kb / 2P
914.00 MHz SAW Filter
SF5005 VANLONG-SF5005 Datasheet
104Kb / 2P
915.00 MHz SAW Filter
More results

Similar Description - SF500GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR405 MCC-MUR405 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR501 CHENYI-FR501 Datasheet
48Kb / 3P
5 Amp fast recovery rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR501 MCC-FR501 Datasheet
459Kb / 4P
5 Amp Fast Recovery Rectifier 50 to 1000 Volts
MUR405 MCC-MUR405_11 Datasheet
431Kb / 3P
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
SF11 MCC-SF11_11 Datasheet
460Kb / 4P
1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
FR501 MCC-FR501_13 Datasheet
482Kb / 4P
5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR405 YFWDIODE-MUR405 Datasheet
70Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR405-DO27 YFWDIODE-MUR405-DO27 Datasheet
294Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts    
logo
Micro Commercial Compon...
MUR405 MCC-MUR405_13 Datasheet
318Kb / 3P
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
MUR405GP MCC-MUR405GP Datasheet
628Kb / 3P
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com