Electronic Components Datasheet Search
  English  ▼

X  

NJM3775 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM3775
Description  DUAL STEPPER MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3775 Datasheet(HTML) 2 Page - New Japan Radio

  NJM3775 Datasheet HTML 1Page - New Japan Radio NJM3775 Datasheet HTML 2Page - New Japan Radio NJM3775 Datasheet HTML 3Page - New Japan Radio NJM3775 Datasheet HTML 4Page - New Japan Radio NJM3775 Datasheet HTML 5Page - New Japan Radio NJM3775 Datasheet HTML 6Page - New Japan Radio NJM3775 Datasheet HTML 7Page - New Japan Radio NJM3775 Datasheet HTML 8Page - New Japan Radio NJM3775 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM3775
s PIN DESCRIPTION
EMP
DIP
PLCC
Symbol
Description
2
1
[8]
M
B1
Motor output B, channel 1. Motor current flows from M
A1 to MB1 when Phase1 is HIGH.
32[10]
E
1
Common emitter, channel 1. This pin connects to a sensing resistor R
S
to ground.
43[11]
M
A1
Motor output A, channel 1. Motor current flows from M
A1 to MB1 when Phase1 is HIGH.
54[12]
V
MM1
Motor supply voltage, channel 1, +10 to +40 V. V
MM1 and VMM2 should be connected together.
6,7
5, 6,
[1-3, 9, GND
Ground and negative supply. Note: these pins are used thermally for heat-sinking.
18,19 17, 18 13-17,
Make sure that all ground pins are soldered onto a suitably large copper ground plane
28]
for efficient heat sinking.
87[18]
V
R1
Reference voltage, channel 1. Controls the comparator threshold voltage and hence the output
current.
98[19]
C
1
Comparator input channel 1. This input senses the instantaneous voltage across the sensing
resistor, filtered by the internal digital filter or an optional external RC network.
10
9
[20]
Phase
1
Controls the direction of motor current at outputs M
A1 and MB1. Motor current flows from MA1 to
M
B1 when Phase1 is HIGH.
11
10
[21]
Dis
1
Disable input for channel 1. When HIGH, all four output transistors are turned off, which results
in a rapidly decreasing output current to zero.
12
11
[22]
RC
Clock oscillator RC pin. Connect a 12 kohm resistor to V
CC and a 4 700 pF capacitor to ground
to obtain the nominal switching frequency of 23.0 kHz and a digital filter blanking time of 1.0
µs.
13
12
[23]
V
CC
Logic voltage supply, nominally +5 V.
14
13
[24]
Dis
2
Disable input for channel 2. When HIGH, all four output transistors are turned off, which results
in a rapidly decreasing output current to zero.
15
14
[25]
Phase
2
Controls the direction of motor current at outputs M
A2 and MB2. Motor current flows from MA2 to
M
B2 when Phase2 is HIGH.
16
15
[26]
C
2
Comparator input channel 2. This input senses the instantaneous voltage across the sensing
resistor, filtered by the internal digital filter or an optional external RC network.
17
16
[27]
V
R2
Reference voltage, channel 2. Controls the comparator threshold voltage and hence the output
current.
20
19
[4]
V
MM2
Motor supply voltage, channel 2, +10 to +40 V. V
MM1 and VMM2 should be connected together.
21
20
[5]
M
A2
Motor output A, channel 2. Motor current flows from M
A2 to MB2 when Phase2 is HIGH.
22
21
[6]
E
2
Common emitter, channel 2. This pin connects to a sensing resistor R
S to ground.
23
22
[7]
M
B2
Motor output B, channel 2. Motor current flows from M
A2 to MB2 when Phase2 is HIGH.
Figure 2. Pin configurations
E
B2
B1
GND
RC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
VCC
Phase2
MA2
2
Dis
M
M
1
Dis
A1
M
1
Phase
C1
2
E1
NJM3775FM2
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
C
R2
A1
GND
GND
1
R1
CC
M
V
M
GND
GND
Phase
Dis
RC
V
M
Phase
V
V
2
2
A2
MM2
B2
2
E2
C1
Dis1
VMM1
MB1
E1
NJM
3775D2
s PIN CONFIGURATIONS
1
2
3
4
5
6
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
GND
MA1
Dis1
MA2
GND
NC
Phase1
NJM
3775E3
MB1
E1
VMM1
NC
MB2
E2
VMM2
VR1
VR2
Dis2
C1
C2
V
cc
RC
23
24
GND
GND
Phase2
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com