Electronic Components Datasheet Search
  English  ▼

X  

SS35 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS35
Description  3 Amp Schottky Rectifier 20 to 60 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS35 Datasheet(HTML) 1 Page - Micro Commercial Components

  SS35 Datasheet HTML 1Page - Micro Commercial Components SS35 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32
THRU
SS36
3 Amp Schottky
Rectifier
20 to 60 Volts
DO-214AB
(SMCJ)
Features
•
Low profile Surface Mount package
•
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
•
Built-in strain relief
•
Low power loss, high efficiency
•
For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
•
Guarding for overvoltage protection
•
High Temp Soldering: 250
°C for 10 Seconds At Terminals
MCC
Part
Number
Device
Marking
Maximum
Repetitive Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS32
S2
20V
14V
20V
SS33
S3
30V
21V
30V
SS34
S4
40V
28V
40V
SS35
S5
50V
35V
50V
SS36
S6
60V
42V
60V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Maximum Average Forward
Current
IF(AV)
3.0A
TJ = 25°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half
sine
Maximum Instantaneous
Forward Voltage
SS32-34
SS35-36
VF
.50V
.75V
IFM = 3.0A
(1)
TJ = 25
°C
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
SS32-34
SS35-36
IR
.5mA
20mA
10mA
TJ = 25°C
(1)
TJ = 100°C
Typical Thermal
resistance(2)
RJA
RJL
55OC/W
17OC/W
Operating junction
temperature range
TJ
-55 to+150OC
Storage temperature range
TSTG
-55 to+150OC
(1) Pulse test: Pulse width 300 usec, Duty cycle 1%
(2)
P.C.B. mounted 0.55x0.55”(14x14mm) copper pad areas
Maximum Ratings
•
JEDEC DO-214AB molded plastic body
•
Solder plated, solderable per MILSTD750, Method 2026
•
Color band denotes cathode end
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.075
.095
1.90
2.41
B
.115
.121
2.92
3.07
C
.004
.008
.10
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
G
.305
.320
7.75
8.13
H
.260
.280
6.60
7.11
J
.220
.245
5.59
6.22
0.075”
0.185”
0.125”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
Cathode Band
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com


Similar Part No. - SS35

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS35 ZOWIE-SS35 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS35 SSE-SS35 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS35 FAIRCHILD-SS35 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS35 GE-SS35 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Continental Device Indi...
SS35 CDIL-SS35 Datasheet
173Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS35

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX0520 MCC-MBRX0520_08 Datasheet
205Kb / 5P
0.5 Amp Schottky Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com