Electronic Components Datasheet Search
  English  ▼

X  

53115 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53115
Description  Hermetically Sealed 8-Pin Dual-In-Line package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53115 Datasheet(HTML) 1 Page - Micropac Industries

  53115 Datasheet HTML 1Page - Micropac Industries 53115 Datasheet HTML 2Page - Micropac Industries 53115 Datasheet HTML 3Page - Micropac Industries 53115 Datasheet HTML 4Page - Micropac Industries 53115 Datasheet HTML 5Page - Micropac Industries 53115 Datasheet HTML 6Page - Micropac Industries 53115 Datasheet HTML 7Page - Micropac Industries 53115 Datasheet HTML 8Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL:
hybridsales@micropac.com
Rev A
02 08 2013
1
53115
POWER MOSFET OPTOCOUPLER,
480V / 0.28A / 0.55A, AC/DC, Hermetically Sealed
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
Hermetically Sealed
8-Pin Dual-In-Line package
Small Size and Weight
Options:
5mA or 10mA input forward current
Performance Guaranteed over –55°C to
+125°C Ambient Temperature
AC / DC Signal & Power Switching
Maximum
Average Current
AC/DC:
0.28 A
DC only:
0.55 A
1500
VDC Withstand Test Voltage
High Transient Immunity
Applications:
Satellite/Space Systems
Military/High Reliability Systems
AC/DC Electromechanical and Solid State
Relay Replacement
I/O Modules
DESCRIPTION
The 53115 is a single channel, hermetically sealed, power MOSFET optocoupler. Low on-
resistance of the MOSFET output, combined with 1500 VDC isolation between input and output,
makes this optocoupler ideal for solid state relay applications. Operation is specified over the full
military temperature range. The part is supplied in an eight-pin, dual-in-line ceramic package.
Lead options support both through-hole and surface-mount assembly. Standard lead finish is
gold plated.
Functionally, the device operates as a single-pole, normally open (1 Form A) solid state relay.
The device is actuated by an input current, which can be supplied from standard logic types
such as open-collector TTL. The input current biases a light emitting diode that is optically
coupled to an integrated photovoltaic diode array. The photovoltaic array powers control circuitry
that operates the output MOSFETs.
Optimum switching of either AC or DC loads is provided by a configurable output. For AC loads,
connection A in Figure 1 must be used. Connection A will also switch DC loads but connection
B, in Figure 1, provides DC-only operation with the advantages of substantial reduction in on-
resistance and twice the output current capability as that obtained with connection A.


Similar Part No. - 53115

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
53115-2 TEC-53115-2 Datasheet
43Kb / 1P
Standard Terminals and Splices
Revised 8-00
More results

Similar Description - 53115

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DIL8 ZETEX-DIL8 Datasheet
48Kb / 2P
Dual in-line, 8 pin package
logo
EUROQUARTZ limited
GF8 EUROQUARTZ-GF8 Datasheet
203Kb / 1P
8 pin Dual-in-Line
GV8 EUROQUARTZ-GV8 Datasheet
203Kb / 1P
8 pin Dual-in-Line
HPA8 EUROQUARTZ-HPA8 Datasheet
215Kb / 1P
8 pin Dual-in-Line
HPF8 EUROQUARTZ-HPF8 Datasheet
215Kb / 1P
8 pin Dual-in-Line
G8 EUROQUARTZ-G8 Datasheet
113Kb / 2P
8 pin Dual-in-Line
GDA8 EUROQUARTZ-GDA8 Datasheet
114Kb / 1P
8 pin Dual-in-Line
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
8 pin Dual-in-Line
logo
Micropac Industries
53252 MICROPAC-53252 Datasheet
60Kb / 6P
8-Pin Dual-In-Line Hermetic Package
logo
IK Semicon Co., Ltd
KL3340 IKSEMICON-KL3340 Datasheet
198Kb / 5P
Economical 8-Pin Dual-In-Line Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com