Electronic Components Datasheet Search
  English  ▼

X  

53502 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53502
Description  LATCHING SOLID STATE POWER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53502 Datasheet(HTML) 2 Page - Micropac Industries

  53502 Datasheet HTML 1Page - Micropac Industries 53502 Datasheet HTML 2Page - Micropac Industries 53502 Datasheet HTML 3Page - Micropac Industries 53502 Datasheet HTML 4Page - Micropac Industries 53502 Datasheet HTML 5Page - Micropac Industries 53502 Datasheet HTML 6Page - Micropac Industries 53502 Datasheet HTML 7Page - Micropac Industries 53502 Datasheet HTML 8Page - Micropac Industries 53502 Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
53502
LATCHING SOLID-STATE POWER CONTROLLER
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. ●Power Management & Controls Division
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/21/2014
Rev P
Pg. 2 of 9
ELECTRICAL CHARACTERISTICS
TA = -55°C to 125° C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Characteristics CMOS Configurations (Figure 1)
VDD Input
4.5
5.5
VDC
Control Input current
5 VDC Input
500
A
Control voltage range
-0.5
5.5
VDC
Turn-on voltage
At VDD = 5.0V
2.8
3.4
VDC
Turn-off voltage
At VDD = 5.0V
0.5
2.0
VDC
Dielectric strength (Control / Status to Output
to Bias to Case)
60 Hz
500
V RMS
Bias Characteristics
Bias current IBias
Note 5
5
10
mA
Bias supply range, VBias
Note 6
28
50
VDC
Output Characteristics
Output current, sustaining:
Continuous blocking voltage
Note 7
100 / 50
VDC
On-state resistance, Rds (1A Configuration)
25ºC Case
.1Ω
.13Ω
Ohms
On-state resistance, Rds (2A Configuration)
25ºC Case
.075Ω
.085Ω
Ohms
Turn-on time @ 25ºC case
Figure 2
0.8
2.0
mS
Turn-off time @ 25ºC case
Figure 2
0.5
1.0
mS
Off-state leakage
At Rated Voltage
40
100
A
Output Capacitance
700
pF
Load Start current
25ºC
6/12
7.5/15
9/18
A
Short-circuit peak
100
A
Trip Reset Time
Remove short / overload & Cycle input
50
mS
Status Output Specification
Status Supply Voltage (open Collector)
5.0
32
VDC
Status off leakage current
VS = 30 VDC
100
µADC
Status off leakage current
VS = 15 VDC
4
µADC
Status on voltage
ISTATUS = 5 MA
0.4
VDC
High-To-Low Transition Time
ISTATUS = 5 MA
20
50
µS
Junction temperature
150
ºC
Thermal resistance
JA
JC
30
5
ºC/W
ºC/W
Application Notes:
1. Maximum input switching frequency not to exceed 10 Hz under normal conditions, or .5 Hz if output is shorted.
2. Input transitions should be <1 ms and duration and input source should be “bounce-less contact” type.
3. Inductive loads must be snubbed or clamped.
4. Peak current that may flow when output is shorted.
5. Current from the Bus input.
6. 50V Maximum for Bias Pins 10 to 5.
7. 100V Maximum for output Pins 9 to Pins 6, 7 and/or 8.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com