Electronic Components Datasheet Search
  English  ▼

X  

53506 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53506
Description  SOLID STATE POWER CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53506 Datasheet(HTML) 2 Page - Micropac Industries

  53506 Datasheet HTML 1Page - Micropac Industries 53506 Datasheet HTML 2Page - Micropac Industries 53506 Datasheet HTML 3Page - Micropac Industries 53506 Datasheet HTML 4Page - Micropac Industries 53506 Datasheet HTML 5Page - Micropac Industries 53506 Datasheet HTML 6Page - Micropac Industries 53506 Datasheet HTML 7Page - Micropac Industries 53506 Datasheet HTML 8Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
53506 Series
Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/8/07
Rev F
Page 2 of 2
The Control input is CMOS or TTL logic compatible and the 53506 operates from a bias supply of 4.75 to 5.25VDC. (See
Figure 1)
The part features short-circuit protection, over current protection and an output status pin to monitor the operational state of
the circuit. The output current is continuously monitored to respond to an over-current condition by interrupting the output
current path. Over-current conditions include Load Overload and Short Output (Short Circuit Load) after the device has been
powered up and the load current has been turned on. An open-collector Output Status pin is available to indicate the
“on” or
fault states. The output remains disabled (off) until the fault condition has been removed and the unit has been reset.
Resetting the unit is accomplished by toggling the input control. This feature prevents damage to the controller while averting
further system failure that may be caused by the fault condition.
The 53506 device is available in various quality levels from COTS to MIL-PRF-38534 Class K including custom screening
requirements.
RADIATION TOLERANT
The 53506 contains radiation hardened components and/or other features that provide a level of radiation tolerance.
Micropac does not guarantee any level of radiation hardness. Specific lot testing is required to determine the level of
radiation hardness. Micropac does not offer this device as compliant to Appendix G (RHA Requirements) of MIL-PRF-
38534
.
ELECTRICAL CHARACTERISTICS
TA = -55 to 125° C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input characteristics
CMOS configurations (Figure 1)
Bias supply range
4.75
5.0
5.25
VDC
Bias current
10
25
mA
Input current (Control)
5 VDC Input
500
A
Control voltage range
0
5.0
VDC
Turn-on voltage
2.8
3.2
VDC
Turn-off voltage
0.5
2.7
VDC
Dielectric strength
Input /output / Power Bus/ Case
1000
VDC
Output characteristics
Output current, sustainable:
Steady state load Current
110
145
%
Load Start current (not adjusted)
Current factor above Rated Load
650
800 (1)
%
Steady State Current adjustment range:
100
50
% of Initial
Continuous blocking voltage
90% of Output Device Rating
90
VDC
On-state resistance, Rds
25ºC Case (Table 1)
Ohms
On-state resistance, Rds
125ºC Case (Table 1)
Ohms
Turn-on time @ 25ºC case
Figure 2
1.0
3.0
mS
Turn-off time @ 25ºC case
Figure 2
0.5
1.7
mS
Off-state leakage
At 80% Blocking Voltage
100
300
A
Output Capacitance
3,000
pF
Status Output Specification
Trip Reset Time
Remove overload & Cycle input
50
mS
Status Supply Voltage (open Collector)
1
32
VDC
Status on voltage
ISTATUS = 5 mA @ 25ºC
0.4
VDC
High-To-Low Transition Time
ISTATUS = 5 mA
20
50
µS
Junction temperature
150
ºC
Thermal resistance,
JC
2.5
ºC/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com