Electronic Components Datasheet Search
  English  ▼

X  

53507 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53507
Description  SELECTABLE OUTPUT SOLID STATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53507 Datasheet(HTML) 2 Page - Micropac Industries

  53507 Datasheet HTML 1Page - Micropac Industries 53507 Datasheet HTML 2Page - Micropac Industries 53507 Datasheet HTML 3Page - Micropac Industries 53507 Datasheet HTML 4Page - Micropac Industries 53507 Datasheet HTML 5Page - Micropac Industries 53507 Datasheet HTML 6Page - Micropac Industries 53507 Datasheet HTML 7Page - Micropac Industries 53507 Datasheet HTML 8Page - Micropac Industries 53507 Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
53507-002
Selectable Series Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
20090403
Rev G
Pg. 2 of 9
ABSOLUTE MAXIMUM RATINGS
Isolation voltage .......................................................................................................................................................... 1000 VDC
Continuous operating output voltage
1 ........................................................................................................................... 100 VDC
Transient output voltage
2…………………………………………………………………. ................................................ 100 VDC
Load Current ..................................................................................Less Than 9 Times Rated Operating Current / Self Limiting
Bias supply voltage ............................................................................................................................................... -.6 to 5.5 VDC
Control Voltage .............................................................................................................1 Volt above VBias / 1 Volt below Return
Status Voltage......................................................................................................................................................................... 35V
Status Current......................................................................................................................................................................10mA
Operating temperature ............................................................................................................................ -55ºC to +125ºC Case
Storage temperature ..........................................................................................................................................-55ºC to +125ºC
Notes:
1 Reversing polarity on the output may cause permanent damage
2 Device rating. Application derating is not included in these values
ELECTRICAL CHARACTERISTICS
TA = -55 to 125° C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input characteristics
CMOS configurations (Figure 1)
Bias supply range
4.75
5.0
5.25
VDC
Bias current
25
30
mA
Input current (Control)
5 VDC Input
500
A
Control voltage range
-0.5
6.0
VDC
Turn-on voltage
2.8
3.9
VDC
Turn-off voltage
0.5
2.7
VDC
Dielectric strength
Input /output / Power Bus/ Case
1000
VDC
Output characteristics
Output current, sustainable:
of Selected Output
Steady state load Current (1)
110
145
%
ADC
Load Start current (not adjustable)
Current factor above sustaining
0 to 80ms
550
700
%
Steady State Current adjustment range:
100
50
% of Initial
Continuous blocking voltage
Output device Rating
100
VDC
On-state resistance, Rds
25ºC Case (Table 1)
Ohms
On-state resistance, Rds
125ºC Case (Table 1)
Ohms
Turn-on time @ 25ºC case
Figure 2
1.0
3.0
mSec
Turn-off time @ 25ºC case
Figure 2
0.5
1.7
mSec
Off-state leakage
At 80% Blocking Voltage
100
300
µ
A
Output Capacitance
Per each 5A of output
2,200
pF
Status Output Specification
Trip Reset Time
Remove overload & Cycle input
50
mSec
Status Supply Voltage (open Collector)
32
VDC
Status off leakage current
VS = 15 VDC
4
µADC
Status on voltage
ISTATUS = 5 MA @ 25ºC
0.4
VDC
High-To-Low Transition Time
ISTATUS = 5 MA
20
50
µSec
Junction temperature
150
ºC
Thermal resistance,
JC
2.0
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com