Electronic Components Datasheet Search
  English  ▼

X  

62035 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62035
Description  JAN AND JANTX QUALIFIED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62035 Datasheet(HTML) 1 Page - Micropac Industries

  62035 Datasheet HTML 1Page - Micropac Industries 62035 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62035
1N6092
1N6093
JAN AND JANTX QUALIFIED,
1N6094
HERMETIC LED INDICATORS
OPTOELECTRONIC PRODUCTS
DIVISION
04/27/2012
Features:
Hermetically sealed
Choice of colors (Red, Yellow, Green)
Wide Viewing Angle
Designed for Hi-Reliability applications
DLA qualified
Applications:
P.C. Board Fault Indicator
Logic Status Indicator
Binary Data Display
Power supply on/off indicator
DESCRIPTION
The 1N6092, 1N6093 and 1N6094 series indicators are hermetically sealed in TO-46 packages. A tinted diffused dome lens
provides good on/off contrast and a wide viewing angle. The 1N6092 (red) and 1N6093 (yellow) indicators utilize a high
efficiency GaAsP on GaP LED, while the 1N6094 (green) indicator utilizes a GaP on GaP LED. Each type uses a colored
diffused plastic lens over a glass window. All versions are available in standard, JAN or JANTX screened levels.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ...................................................................................................................................................................... 5 Vdc
Power Dissipation (Note 1) ................................................................................................................................................... 120 mW
Forward Current-Continuous .................................................................................................................................................. 35 mA
Storage Temperature.............................................................................................................................................. -65°C to +100°C
Operating Temperature .......................................................................................................................................... -55°C to +100°C
Lead Soldering Temperature (10 seconds, 1/16” from case) ..................................................................................................260°C
NOTES :
1.
Derate at the rate of 1.6 mW/°C above 50°C.
Dimensions
Schematic Diagram
0.190 [4.83]
0.176 [4.47]
0.225 [5.72]
0.180 [4.57]
0.024 [0.62]
0.016 [0.41]
1.030 [26.16]
0.970 [24.64]
GOLD PLATED
KOVAR
TINTED
DIFFUSED
DOME
Ø0.220 [5.59]
Ø0.200 [5.08]
0.055 [1.39]
0.045 [1.14]
0.045 [1.14]
0.035 [0.89]
0.042 [1.07]
0.032 [0.81]
CATHODE
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
0.020 [0.51]
0.016 [0.41]
K
A
0.076 [1.93]
0.056 [1.42]
0.146 [3.71]
0.142 [3.61]


Similar Part No. - 62035

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
62035-101 MICROPAC-62035-101 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
62035-102 MICROPAC-62035-102 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
62035-103 MICROPAC-62035-103 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
62035-111 MICROPAC-62035-111 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
More results

Similar Description - 62035

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N22 MICROPAC-4N22 Datasheet
94Kb / 4P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
1N6609 MICROPAC-1N6609 Datasheet
114Kb / 2P
JAN AND JANTX QUALIFIED, HI-BRITE HERMETIC LED INDICATORS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62041 MICROPAC-62041 Datasheet
54Kb / 2P
JAN AND JANTX QUALIFIED
62035 MICROPAC-62035_V01 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com