Electronic Components Datasheet Search
  English  ▼

X  

SMBJ5941 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMBJ5941
Description  Silicon Zener Diode 3.0 Watt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5941 Datasheet(HTML) 1 Page - Micro Commercial Components

  SMBJ5941 Datasheet HTML 1Page - Micro Commercial Components SMBJ5941 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMBJ5913
THRU
SMBJ5956
Silicon
Zener Diode
3.0 Watt
DO-214AA
(SMBJ)
Features
•
Surface Mount Applications
•
3.3 thru 200 Volt Voltage Range
•
Ideal For High Density, Low Profile Mounting
•
Withstands Large Surge Stresses
•
Available on Tape and Reel
Mechanical Data
•
CASE: JEDEC DO-214AA molded Surface Mountable
•
Terminals solderable per MIL-STD-750, Method 2026
•
Polarity is indicated by cathode band
•
Packaging: Standard 12mm Tape (see EIA 481)
•
Maximum temperature for soldering: 260
OC for 10 seconds
•
For surface mount applications with flame retardent epoxy
Meeting UL94V-0
Maximum Ratings @ 25OC Unless Otherwise Specified
Steady State
Power
Dissipation
P(AV)
3.0W
(Note:1)
Operation And
Storage
Temperature
TJ, TSTG
-55
OC to
+150
OC
Thermal
Resistance
R
25
OC/W
H
J
E
F
G
A
B
D
C
Cathode Band
(Round Lead)
1
.
Mounted on 4.0mm
2 copper pads to each terminal.
Lead temperature at TL=75
oC
NOTE:
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SMBJ5941

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5941 JGD-SMBJ5941 Datasheet
184Kb / 2P
1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Microsemi Corporation
SMBJ5941 MICROSEMI-SMBJ5941 Datasheet
92Kb / 2P
SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
Formosa MS
SMBJ5941 FORMOSA-SMBJ5941 Datasheet
526Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
SMBJ5941A JGD-SMBJ5941A Datasheet
184Kb / 2P
1.5W SILICON SURFACE MOUNT ZENER DIODES
SMBJ5941B JGD-SMBJ5941B Datasheet
184Kb / 2P
1.5W SILICON SURFACE MOUNT ZENER DIODES
More results

Similar Description - SMBJ5941

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMAJ5913B MICROSEMI-SMAJ5913B Datasheet
168Kb / 2P
SILICON 3.0 WATT ZENER DIODES
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
5 WATT SILICON ZENER DIODE
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
5 WATT SILICON ZENER DIODE
logo
Micro Commercial Compon...
1N5913B3P MCC-1N5913B3P_13 Datasheet
519Kb / 5P
3.0 Watt Zener Diode 3.3to 200 Volts
logo
Microsemi Corporation
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
Silicon 3.0 Watt Zener Diode
logo
Micro Commercial Compon...
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
1N5913B3P MCC-1N5913B3P_18 Datasheet
490Kb / 5P
3.0 Watt Zener Diode 3.3to 4.7 Volts
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com