Electronic Components Datasheet Search
  English  ▼

X  

62041 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62041
Description  JAN AND JANTX QUALIFIED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62041 Datasheet(HTML) 2 Page - Micropac Industries

  62041 Datasheet HTML 1Page - Micropac Industries 62041 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62041
1N5765
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATOR
11/12/2014
ELECTRICAL/OPTICAL CHARACTERISTICS
TA=25°C
PART
NUMBER
COLOR
TEST
CONDITION
PARAMETER LIMITS
IF
PEAK
IV1 = 0°
IV2  = 30°
VF
C
mA
TYP.
MIN.
MIN.
MAX.
MAX.
62041-XXX
RED
20
660
0.6 mcd
0.3 mcd
1.9 V
100 pF
Relative Luminous Intensity
Relative Luminous Intensity
vs
vs.
Forward Current
Angular Displacement
(Normalized at 20 mA)
5
10
15
20
30
25
0. 00
0. 25
0. 50
0. 75
1. 00
1. 25
1. 50
1. 75
2. 00
0
20
40
80
60
100
0
10
30
50
70
90
0.25
0.50
0.75
1.00
1.25
90
80
70
60
50
40
30
20
10
0
IF - Forward Current – mA
Angular Displacement
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward
IF
20
50
mA
Operating Temperature
TA
-55
+100
C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
CONTROLLING MIL DOCUMENT
62041-101
Commercial
1N5765
62041-102
JAN Screened
JAN1N5765
62041-103
JANTX Screened
JANTX1N5765
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com