Electronic Components Datasheet Search
  English  ▼

X  

62118 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62118
Description  TRI-COLOR HERMETIC LED INDICATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62118 Datasheet(HTML) 1 Page - Micropac Industries

  62118 Datasheet HTML 1Page - Micropac Industries 62118 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62118
TRI-COLOR HERMETIC LED INDICATORS
OPTOELECTRONIC PRODUCTS
DIVISION
06/27/2012
Features:
Hermetically sealed
Selectable colors (Red, Blue, Violet)
Designed for Hi-Reliability applications
Applications:
Fault Indicator
Logic Status Indicator
Data Display
Power supply on/off indicator
Set Point Indicator
DESCRIPTION
The 62118 series indicators are hermetically sealed in TO-46 packages with a diffused dome lens which provides improved
viewability in bright sunlight. The RED indicator utilizes a high efficiency GaAsP on GaP LED, while the BLUE and VIOLET
indicators utilize a GaN on Sapphire substrate LED. Available as commercial or screened levels.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ................................................................................................................................................................... 5 Vdc
Packaged Power Dissipation (Note 1)...............................................................................................................................120 mW
Forward Current-Continuous ................................................................................................................................................30 mA
Storage Temperature.......................................................................................................................................... -40°C to +100°C
Operating Temperature ......................................................................................................................................... -40°C to +85°C
Lead Soldering Temperature (10 seconds, 1/16” from case) .............................................................................................. 260°C
Notes:
1. Derate linearly at the rate of 1.6 mW/°C above 25°C.
Dimensions
Schematic Diagram
0.530±0.030
[13.46±0.76]
0.018
[0.46] TYP
0.240±0.012
[6.10±0.31]
0.200±0.015
[5.08±0.38]
BOTTOM VIEW
COMMON
CATHODE (K)
ANODE VIOLET (A3)
ANODE BLUE (A1)
ANODE RED (A2)
Ø0.212±0.006
[Ø5.38±0.15]
Ø0.100
[2.54] TYP
VIOLET
LED
RED
LED
BLUE
LED
K
A1
A2
A3
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]


Similar Part No. - 62118

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
6211 CONNOR-WINFIELD-6211 Datasheet
84Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
logo
Festo Corporation.
6211 FESTO-6211 Datasheet
96Kb / 2P
Air solenoid valve
logo
Christian Bürkert GmbH ...
6211 BURKERT-6211 Datasheet
882Kb / 11P
Diaphragm valve 2/2-way servo-assisted
01.12.2023
logo
Pomona Electronics
6211 POMONA-6211 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
Connor-Winfield Corpora...
6211-50.00M CONNOR-WINFIELD-6211-50.00M Datasheet
84Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
More results

Similar Description - 62118

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
1N5765 E-OEC-1N5765 Datasheet
100Kb / 2P
JAN QUALIFIED HERMETIC LED INDICATORS
logo
Micropac Industries
62069 MICROPAC-62069 Datasheet
81Kb / 2P
HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
Tri-Color Rectangular LED Assembly
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
TRI COLOR LED
logo
Micropac Industries
62072 MICROPAC-62072 Datasheet
160Kb / 3P
BI-COLOR HERMETIC LED INDICATORS
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
62100 MICROPAC-62100 Datasheet
124Kb / 2P
ULTRA-BRITE HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
RGB tri-color emitting LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
logo
Micropac Industries
62035 MICROPAC-62035_V01 Datasheet
131Kb / 2P
JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com