Electronic Components Datasheet Search
  English  ▼

X  

62159 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62159
Description  NVIS COMPATIBLE HERMETIC REAR ENTRY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62159 Datasheet(HTML) 2 Page - Micropac Industries

  62159 Datasheet HTML 1Page - Micropac Industries 62159 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62159
NVIS COMPATIBLE HERMETIC REAR ENTRY PANEL MOUNT LED INDICATORS
08/19/2011
ELECTRICAL/OPTICAL CHARACTERISTICS
TA=-55°C to +100°C unless otherwise specified
PARAMETERS
DASH #
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
AXIAL LUMINOUS
INTENSITY
-3XX
IV
IF = 20 mA
 = 0
TA = 25C
1.5
2.5
cd
AXIAL LUMINOUS
INTENSITY
-3XX
IV
IF = 20 mA
 = 0
TA = 100C
1.0
2.0
cd
PEAK WAVELENGTH
-3XX
p
520
nm
REVERSE CURRENT
-3XX
IR
VR = 5 V
10
A
FORWARD VOLTAGE
-3XX
VF
IF=20 mA
3.2
4.0
Vdc
2.0
4.0
6.0
8.0
10.0 12.0 14.0
16.0 18.0
20.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I mA
f
V vs I
ff
8.0
0
4.0
2.0
6.0
3000
2500
2000
1500
1000
500
18.0
12.0
10.0
I mA
f
16.0
14.0
20.0
3500
P vs I
o
f
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN.
MAX
UNITS
Forward Current
IF
20
mA
Operating Temperature
TA
-55
+100
C
SELECTION GUIDE
PART
PART DESCRIPTION
62159-311
Commercial , Green, Rear Panel Mount
62159-312
Screened , Green, Rear Panel Mount



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com