Electronic Components Datasheet Search
  English  ▼

X  

62175 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62175
Description  HIGH BRIGHT LOW POWER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62175 Datasheet(HTML) 2 Page - Micropac Industries

  62175 Datasheet HTML 1Page - Micropac Industries 62175 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62175
HIGH BRIGHT LOW POWER HERMETIC LED INDICATORS
04/05/2010
ELECTRICAL/OPTICAL CHARACTERISTICS
TA = 25°C
PART
NUMBER
COLOR
TEST
CONDITION
PARAMETER LIMITS
IF, mA
PEAK
λ, nm
IV, mcd
VF, V
TYP.
MIN.
TYP
MAX.
62175-10X
RED
5
620
30
35
2.3
62175-20X
YELLOW
5
590
10
15
2.3
62175-30X
GREEN
5
516
20
25
3.5
62175-40X
BLUE
5
466
3
5
3.5
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
1
20
mA
Operating Temperature
TA
-55
+100
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62175-101
Commercial, Red LED
62175-102
JAN Screened, Red LED
62175-103
JANTX Screened, Red LED
62175-104
JANTXV Screened, Red LED
62175-201
Commercial, Yellow LED
62175-202
JAN Screened, Yellow LED
62175-203
JANTX Screened, Yellow LED
62175-204
JANTXV Screened, Yellow LED
62175-301
Commercial, Green LED
62175-302
JAN Screened, Green LED
62175-303
JANTX Screened, Green LED
62175-304
JANTXV Screened, Green LED
62175-401
Commercial, Blue LED
62175-402
JAN Screened, Blue LED
62175-403
JANTX Screened, Blue LED
62175-404
JANTXV Screened, Blue LED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com