Electronic Components Datasheet Search
  English  ▼

X  

TSMBJ1006C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TSMBJ1006C
Description  Transient Voltage Protection Device 75 to 320 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TSMBJ1006C Datasheet(HTML) 1 Page - Micro Commercial Components

  TSMBJ1006C Datasheet HTML 1Page - Micro Commercial Components TSMBJ1006C Datasheet HTML 2Page - Micro Commercial Components TSMBJ1006C Datasheet HTML 3Page - Micro Commercial Components TSMBJ1006C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage
Protection Device
75 to 320 Volts
Features
•
Oxide-Glass passivated Junction
•
Bi-Directional protection in a single device
•
Surge capabilities up to 100A@10/1000us or 400A@8/20us
•
High Off-State impedance and Low On-State voltage
•
Plastic material has UL flammability classification 94V -0
Mechanical Data
•
Case
: Molded plastic
•
Polarity : None cathode band denotes
•
Approx Weight : 0.093grams
Characteristic
Symbol
Value
Unit
Non-repetitive peak
impulse current
IPP
100A
10/1000us
Non-repetitive peak
On-state current
ITSM
50A
8.3ms, one-half
cycle
Operating temperature
range
TOP
-40~150
oC
Junction and storage
temperature range
TJ, TSTG
-55~150
oC
Thermal Resistance
Characteristic
Symbol
Value
Unit
Thermal Resistance
junction to ambient
100
oC/W
On recommended
pad layout
Typical positive
temperature
coefficient for
breakdown voltage
0.1%/
oC
Maximum Rating
Thermal Resistance
junction to lead
20
oC/W
△VBR/△TJ
RqJA
RqJL
www.mccsemi.com
TSMBJ1006C
THRU
TSMBJ1024C
DO-214AA
(SMBJ)
H
J
E
F
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.096
2.00
2.44
B
.077
.083
1.96
2.10
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.205
.220
5.21
5.59
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - TSMBJ1006C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSMBJ1006C MICROSEMI-TSMBJ1006C Datasheet
179Kb / 1P
Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device
More results

Similar Description - TSMBJ1006C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TSMBJ0305C-064 MCC-TSMBJ0305C-064 Datasheet
438Kb / 4P
Transient Voltage Protection Device 58 Volts
TSMBJ0305C-072 MCC-TSMBJ0305C-072 Datasheet
705Kb / 4P
Transient Voltage Protection Device 65 Volts
TSMBJ0306C MCC-TSMBJ0306C Datasheet
382Kb / 4P
Transient Voltage Protection Device 75 to 320 Volts
TSMBJ0309C-130 MCC-TSMBJ0309C-130 Datasheet
707Kb / 4P
Transient Voltage Protection Device 120 Volts
TSMBJ0505C-064 MCC-TSMBJ0505C-064 Datasheet
421Kb / 4P
Transient Voltage Protection Device 58 Volts
TSMBJ0506C MCC-TSMBJ0506C Datasheet
426Kb / 4P
Transient Voltage Protection Device 75 to 320 Volts
TSMBJ1005C-064 MCC-TSMBJ1005C-064 Datasheet
421Kb / 4P
Transient Voltage Protection Device 58 Volts
TSMBJ1005C-072 MCC-TSMBJ1005C-072 Datasheet
421Kb / 4P
Transient Voltage Protection Device 65 Volts
logo
Shanghai Lunsure Electr...
TSMBJ0305C-064 CHENYI-TSMBJ0305C-064 Datasheet
411Kb / 4P
Transient voltage protection device 58 volts
TSMBJ0505C-072 CHENYI-TSMBJ0505C-072 Datasheet
396Kb / 4P
Transient voltage protection device 65 volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com