Electronic Components Datasheet Search
  English  ▼

X  

66313 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66313
Description  25 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66313 Datasheet(HTML) 2 Page - Micropac Industries

  66313 Datasheet HTML 1Page - Micropac Industries 66313 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E. Walnut Street, Garland, TX 75040  (972) 272-3571  Fax (972) 487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66313
25 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
06/24/2015
REV. A
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input LED
Input Forward Voltage
VF
1.3
1.8
V
IF = 20 mA
Reverse Current
IR
100
µA
VR = 3.0 V
Output Transistor
Collector-Base Breakdown Voltage
V(BR)CBO
40
V
IC = 100 μA, IE = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1 mA, IB = 0, IF = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4
V
IC = 0, IE = 100 μA, IF = 0
Collector-Emitter Cutoff Current
ICEO
100
nA
VCC = 20 V, IF = 0
Coupled Characteristics
Current Transfer Ratio
CTR
50
%
VCE = 1 V, IF = 10 mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.5
V
IF = 10 mA, IC = 5 mA
Input – Output Isolation Voltage
VI-O
25,000
V
II-O = 25 A
2
Rise Time
tr
20
µs
VCC = 10 V, IF = 10 mA,
RL = 100 Ω
Fall Time
tf
20
µs
VCC = 10 V, IF = 10 mA,
RL = 100 Ω
NOTES:
1) The duration can be extended to 10 seconds maximum when flow soldering. Otherwise 5 seconds with soldering iron.
2) Device considered a two terminal device with all Input pins (Anode and Cathode) shorted together and all Output pins (Collector, Emitter and Base)
shorted together.
SELECTION GUIDE
PART #
PART DESCRIPTION
66313-001
Commercial
66313-101
Screened
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com