Electronic Components Datasheet Search
  English  ▼

X  

66321 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66321
Description  25 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66321 Datasheet(HTML) 1 Page - Micropac Industries

  66321 Datasheet HTML 1Page - Micropac Industries 66321 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E. Walnut Street, Garland, TX 75040  (972) 272-3571  Fax (972) 487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66321
25 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
OPTOELECTRONIC PRODUCTS
DIVISION
09/18/2009
Features:
2 Mbd Transfer Rate
25 kVdc Isolation
TTL compatible input and output
Creepage Path: 1.58” min
Applications:
High Voltage Isolation
Voltage Level Shifting
Grid Current Modulator
Switching between power supplies
Medical systems
DESCRIPTION
The 66321 high voltage isolator consists of an 850 nm LED optically coupled to a high speed, high gain inverting detector
gate. The isolator output is TTL capable with switching propagation delays of 55 ns typical. The high voltage isolator has an
operating free-air temperature range of -40°C to +100°C. The isolator is encased in a high temperature outer PPS housing.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Isolation Voltage (Input to Output) (Note 2)....................................................................................................................... 25 kVdc
Operating Free-Air Temperature Range ..............................................................................................................-40°C to +100°C
Storage Temperature............................................................................................................................................-40°C to +100°C
Lead Solder Temperature (10 second, 1.6mm from case) (Note 1).................................................................................... 260°C
LED:
Peak Forward Input Current (2
s duration).......................................................................................................................300 mA
Average Forward Input Current ...........................................................................................................................................50 mA
Reverse Input Voltage ...........................................................................................................................................................3.0 V
Input Power Dissipation ................................................................................................................................................... 100 mW
Output IC:
Supply voltage - VCC ................................................................................................................-0.5V to 7.0V (1 minute maximum)
Output Current - IO ................................................................................................................................................................25 mA
Output Power Dissipation .................................................................................................................................................. 40 mW
Output Voltage - VO ................................................................................................................................................................18 V
Package Dimensions
Schematic Diagram
ANODE 1
CATHODE 2
4 OUTPUT
3 Vcc
5 GND
SHIELD
0.050 X 45°
PIN
FUNCTION
1
ANODE
2
CATHODE
3
Vcc
4
OUTPUT
5
GND
PIN 1
ANODE IDENTIFIER
0.280
1.750
0.475
0.500
0.125±0.020
0.075
1.600±0.010
Ø0.020 TYP.
2
1
0.090
0.100
3
4
0.065
0.075
5
0.075
ALL DIMENSIONS ARE IN INCHES UNLESS OTHERWISE SPECIFIED


Similar Part No. - 66321

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
6632158 TURCK-6632158 Datasheet
356Kb / 2P
Passive actuator/sensor junction box, 8 ports – M12 I/O slot with terminal chamber for the supply cable
12/04/2023
6632159 TURCK-6632159 Datasheet
319Kb / 2P
Passive actuator/sensor junction box, 4 ports – M12 I/O slot with terminal chamber for the supply cable
12/04/2023
6632160 TURCK-6632160 Datasheet
337Kb / 2P
Passive actuator/sensor junction box, 8 ports – M12 I/O slot with terminal chamber for the supply cable
12/04/2023
6632161 TURCK-6632161 Datasheet
306Kb / 2P
Passive actuator/sensor junction box, 4 ports – M12 I/O slot with terminal chamber for the supply cable
12/04/2023
More results

Similar Description - 66321

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66319 MICROPAC-66319 Datasheet
105Kb / 2P
7.5 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66320 MICROPAC-66320 Datasheet
119Kb / 2P
15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66322 MICROPAC-66322 Datasheet
119Kb / 2P
35 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66323 MICROPAC-66323 Datasheet
145Kb / 2P
7.5 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
66324 MICROPAC-66324 Datasheet
127Kb / 2P
15 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
66325 MICROPAC-66325 Datasheet
124Kb / 2P
25 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
66326 MICROPAC-66326 Datasheet
124Kb / 2P
35 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
66329 MICROPAC-66329 Datasheet
112Kb / 2P
25 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
66330 MICROPAC-66330 Datasheet
113Kb / 2P
35 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
66348 MICROPAC-66348 Datasheet
73Kb / 3P
15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com