Electronic Components Datasheet Search
  English  ▼

X  

TSMBJ1016C Datasheet(PDF) 2 Page - Micro Commercial Components

Part # TSMBJ1016C
Description  Transient Voltage Protection Device 75 to 320 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TSMBJ1016C Datasheet(HTML) 2 Page - Micro Commercial Components

  TSMBJ1016C Datasheet HTML 1Page - Micro Commercial Components TSMBJ1016C Datasheet HTML 2Page - Micro Commercial Components TSMBJ1016C Datasheet HTML 3Page - Micro Commercial Components TSMBJ1016C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
MCC
ELECTRICAL CHARACTERISTIC @25℃ Unless otherwise specified
MAXIMUM RATED SURGE WAVEFORM
MAXIMUM RATED SURGE WAVEFORM
MAXIMUM RATED SURGE WAVEFORM
MAXIMUM RATED SURGE WAVEFORM
Waveform
Standard
Ipp (A)
2/10 us
GR-1089-CORE
500
8/20 us
IEC 61000-4-5
400
10/160 us
FCC Part 68
200
10/700 us
ITU-T K20/21
200
10/560 us
FCC Part 68
150
10/1000 us
GR-1089-CORE
100
TIME
0
50
100
0
Peak value (Ipp)
Half value
tr
tp
tr = rise time to peak value
tp = decay time to half value
Symbol
Parameter
V
DRM
Stand-off voltage
I
DRM
Leakage current at stand-off voltage
V
BR
Breakdown voltage
IBR
Breakdown current
V
BO
Breakover voltage
I
BO
Breakover current
IH
Holding current
NOTE: 1
VT
On state voltage
IPP
Peak pulse current
CO
Off-state capacitance
NOTE: 2
I
V
VDRM
IPP
IBO
IH
IBR
IDRM
VBR
VBO
VT
NOTE:
1. I H > ( V L/ R L) If this criterion is not obeyed, the TSPD triggers but does not return correctly to high-resistance state.
The surge recovery time. It does not exceed 30ms.
2. Off-state capacitance measured at f=1.0MHz , 1.0Vrms signal , VR=2Vdc bias.
Parameter
Rated
Repetitive Off-
state Voltage
Off-state
Leakage
Curr ent@VDRM
Breakover
Voltage
On-State
Voltage
@IT=1.0A
Breakover Current
Holding Current
Off-State
Capacitance
Symbol
VDRM
IDRM
VBO
VT
IBO-
IBO+
IH-
IH+
CJ
Units
Volts
uA
Volts
Volts
mA
mA
mA
mA
pF
Limit
Max
Max
Max
Max
Min
Max
Min
Max
Typ.
TSMBJ1006C
75
5
98
5
50
800
150
800
200
TSMBJ1007C
90
5
130
5
50
800
150
800
120
TSMBJ1010C
140
5
180
5
50
800
150
800
120
TSMBJ1012C
160
5
220
5
50
800
150
800
120
TSMBJ1016C
190
5
265
5
50
800
150
800
80
TSMBJ1018C
220
5
300
5
50
800
150
800
80
TSMBJ1022C
275
5
350
5
50
800
150
800
80
TSMBJ1024C
320
5
400
5
50
800
150
800
80
TSMBJ1006C thru TSMBJ1024C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com