Electronic Components Datasheet Search
  English  ▼

X  

66348 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66348
Description  15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66348 Datasheet(HTML) 2 Page - Micropac Industries

  66348 Datasheet HTML 1Page - Micropac Industries 66348 Datasheet HTML 2Page - Micropac Industries 66348 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E. Walnut Street, Garland, TX 75040  (972) 272-3571  Fax (972) 487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66348
15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
04/03/2013
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input LED
Input Forward Voltage
VF
1.3
1.6
V
IF = 20 mA
Reverse Current
IR
100
µA
VR = 3.0 V
Output IC
High Level Output Current
IOH
0.25
15
µA
VCC = 5.25 V, VOH = 5.25 V,
IF = 0 mA, CL = 0.1 F
Low Level Output Voltage
VOL
0.40
0.5
V
VCC = 4.5 V, IF = 10 mA
IOL (Sinking) = 8.0 mA,
CL = 0.1 F
High Level Supply Current
ICCH
2.5
7
mA
VCC = 5.25V, IF = 0 mA
Low Level Supply Current
ICCL
6
10
mA
VCC = 5.25 V, IF = 10 mA
Coupled Characteristics (VCC = 5 V)
Coupling Capacitance
CI—O
2.0
pF
Input and Output leads shorted
Propagation Delay Time To High Output Level
tPLH
55
100
ns
VCC = 5 V, RL = 560 ,
IF = 10 mA, CL = 0.1 F
Propagation Delay Time To Low Output Level
tPHL
55
200
ns
VCC = 5 V, RL = 560 ,
IF = 10 mA, CL = 0.1 F
Difference in Propagation Delays
tPHL - tPLH
100
ns
Input – Output Isolation Voltage
VI-O
15,000
V
II-O = 25 A
2
LED Positive going Threshold Current
-001
IF+
0.9
5.0
mA
VCC = 5.0 V, IOL = 8.0 mA
CL = 0.1 F
-002
4.0
15.0
dV/dt Withstand (LED is OFF)
CMH
5.0
kV/
s
VCC = 5.0 V, IF = 0 mA,
400 V
VCM  1000 V,
VO(MIN) = 2.0 V, t = 1 s
Fig. 1
3
dV/dt Withstand (LED is ON)
-001
CML
-5.0
kV/
s
VCC = 5.0 V, IF = 5.0 mA,
400 V
 VCM  1000 V,
VO(MAX) = 0.8 V, t = 1 s
Fig. 1
3
-002
-5.0
VCC = 5.0 V, IF = 15.0 mA,
400 V
 VCM  1000 V,
VO(MAX) = 0.8 V, t = 1 s
Fig. 1
3
NOTES:
1) The duration can be extended to 10 seconds maximum when flow soldering. Otherwise 5 seconds with soldering iron.
2) Device considered a two terminal device with all Input pins (Anode and Cathode) shorted together and all Output pins (VCC, GND and Output) shorted together.
3) These tests are not performed 100% in production. Tests are run on an evaluation sample of isolators built with each unique sensor wafer lot. Wafer lots that
pass evaluation are certified for use in production fabrication of isolators.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com