Electronic Components Datasheet Search
  English  ▼

X  

66356 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66356
Description  SINGLE CHANNEL HIGH VOLTAGE OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66356 Datasheet(HTML) 2 Page - Micropac Industries

  66356 Datasheet HTML 1Page - Micropac Industries 66356 Datasheet HTML 2Page - Micropac Industries 66356 Datasheet HTML 3Page - Micropac Industries 66356 Datasheet HTML 4Page - Micropac Industries 66356 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66356
SINGLE CHANNEL, HIGH VOLTAGE OPTOCOUPLER
04/02/2014
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Characteristic
Input Forward Voltage
VF(IN)
3.8
5.0
V
IF = 20 mA
4.3
6.0
IF = 100 mA
Input Reverse Current
IR
100
A
VR = 3 V
Output Characteristic
Output Forward Voltage
VF(OUT)
3.8
5.0
V
IF = 20 mA
4.3
6.0
IF = 100 mA
Dark Current
ID
100
nA
IF = 0 mA, VOUT = 6.0 kV
250
IF = 0 mA, VOUT = 8.0 kV
Coupled Characteristic
Input-Output Isolation Current
IIO
10
A
VIO = 12 kV
Current Transfer Ratio
CTR
0.6
%
IF = 20 mA, VOUT = 0 V
1.2
IF = 20 mA, VOUT = 2.5 kV
1.4
IF = 20 mA, VOUT = 5.0 kV
ELECTRICAL CHARACTERISTICS
TA = 100C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Characteristic
Input Forward Voltage
VF(IN)
3.6
4.2
V
IF = 20 mA
4.1
5.0
IF = 100 mA
Input Reverse Current
IR
100
A
VR = 3 V
Output Characteristic
Output Forward Voltage
VF(OUT)
2.8
3.8
V
IF = 20 mA
3.5
4.3
IF = 100 mA
Dark Current
ID
2.5
A
IF = 0 mA, VOUT = 6 kV
7.5
IF = 0 mA, VOUT = 8 kV
Coupled Characteristic
Current Transfer Ratio
CTR
0.6
%
IF = 20 mA, VOUT = 0 V
1.0
IF = 20 mA, VOUT = 2.5 kV
1.2
IF = 20 mA, VOUT = 5 kV
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com