Electronic Components Datasheet Search
  English  ▼

X  

M35061 Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35061 Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M35061 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
MITSUBISHI MICROCOMPUTERS
M35061-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
29
10. Notes on fsc signal input
(1) This IC amplifies the subcarrier frequency (fsc) signal (NTSC sys-
tem: 3.580 MHz, PAL system: 4.434 MHz, M-PAL system: 3.576
MHz) input to the OSCIN pin and generates the composite video
signal internally.
The amplified fsc signal can be destabilized in the following cases.
(a) When the fsc signal is outside of recommended operating
conditions
(b) When the waveform of the fsc signal is distorted
(c) When DC level in the fsc waveform fluctuates
When the amplified signal is unstable, the composite video signal
generated inside the IC is also unstable in terms of synchroniza-
tion with the subcarrier and phase.
Consequently, this results in color flicker and lost synchronization
when the composite video signal is generated. Make note of the
fact that this may prevent a stable blue background from being
formed.
(2) When switching to internal synchronization from external syn-
chronization (fsc signal is OFF), start fsc signal input 20 m sec or
more before the internal oscillator circuit stabilizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com