Electronic Components Datasheet Search
  English  ▼

X  

MX172 Datasheet(PDF) 4 Page - Macronix International

Part # MX172
Description  TRIANGULAR TYPE AUTO FOCUS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX172 Datasheet(HTML) 4 Page - Macronix International

  MX172 Datasheet HTML 1Page - Macronix International MX172 Datasheet HTML 2Page - Macronix International MX172 Datasheet HTML 3Page - Macronix International MX172 Datasheet HTML 4Page - Macronix International MX172 Datasheet HTML 5Page - Macronix International MX172 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
REV. 2.1, AUG 29, 1995
P/N: PM0168
MX172
HEAD AMPLIFIER/ADJUSTMENT CIRCUIT
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
VIN
Input Voltage
620
680
740
mV
ISDMX
Max. Surround Light
16.0
uA
IADJ
Adj. VR Current
38.0
44.0
50.0
uA
VCOMP1
Compare Voltage1
318
336
354
mV
Signal Ratio=3:7
VCOMP2
Compare Voltage2
530
560
590
mV
Signal Ratio=5:5
HOLD CAPACITOR CHARGE/DISCHARGE CURRENT
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
ICH1
Quick Charge Current
-300
-1000
uA
ICH2
Quick Discharge Current
460
1200
uA
ICH3
Steady Charge Current
-7
-11
-16
uA
ICH4
Steady Discharge Current
7
11
16
uA
ICH5
CH Input Current
100
nA
DATA OUTPUT TERMIANAL
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
IOUTLK1
Output Leak Current 1
1.0
uA
VO = 10.0V
IOUTLK2
Output Leak Current 2
1.0
uA
VO=VCC
VOUTSAT1
Saturation Voltage
300
mV
IO = 20mA
IOUTMX1
Max. Output Current1
20
mA
VOUTMAX1
Max. Voltage1
10.0
V
VOUTSAT2
Saturation Voltage2
300
mV
IO = 300mA
IOUTMX2
Max. Output Current2
300
mA
VOUTMX2
Max. Voltage2
6.0
8.0
10.0
V
IO = 300mA
IRED FLASHING CONTROL CIRCUIT
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
VIRED1
IRED Voltage (ON)
920
980
1030
mV
VIRED2
IRED Voltage (OFF)
350
mV
IIREDMX
Max. Output Current
15.0
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com