Electronic Components Datasheet Search
  English  ▼

X  

MX23L4100 Datasheet(PDF) 3 Page - Macronix International

Part # MX23L4100
Description  4M-BIT MASK ROM (8/16 BIT OUTPUT)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L4100 Datasheet(HTML) 3 Page - Macronix International

  MX23L4100 Datasheet HTML 1Page - Macronix International MX23L4100 Datasheet HTML 2Page - Macronix International MX23L4100 Datasheet HTML 3Page - Macronix International MX23L4100 Datasheet HTML 4Page - Macronix International MX23L4100 Datasheet HTML 5Page - Macronix International MX23L4100 Datasheet HTML 6Page - Macronix International MX23L4100 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
P/N:PM0344
REV. 1.4, JUL. 16, 2001
MX23L4100
AC Test Conditions
Input Pulse Levels
0.4V~2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.4V
Output Timing Level
1.4V
Output Load
See Figure
AC CHARACTERISTICS (Ta = 0°C ~ 70°C, VCC = 3.3V±10%)
Item
Symbol
23L4100-10
23L4100-12
23L4100-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
100ns
-
120ns
-
150ns
-
Address Access Time
tAA
-
100ns
-
120ns
-
150ns
Chip Enable Access Time
tACE
-
100ns
-
120ns
-
150ns
Output Enable Time
tOE
-
50ns
-
60ns
-
70ns
Output Hold After Address
tOH
-
0ns
-
0ns
-
0ns
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
Note:Output high-impedance delay (tHZ) is measured
from OE or CE going high, and this parameter guaran-
teed by design over the full voltage and temperature op-
erating range - not tested.
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=1.6mA
IOH (load)=-0.4mA
TIMING DIAGRAM
ACCESS TIMING
tACE
tAA
tOH
tHZ
ADD
ADD
ADD
ADD
CE
OE
DATA
VALID
VALID
VALID
tRC
tOE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com