Electronic Components Datasheet Search
  English  ▼

X  

MX26C2000B Datasheet(PDF) 16 Page - Macronix International

Part # MX26C2000B
Description  2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26C2000B Datasheet(HTML) 16 Page - Macronix International

Back Button MX26C2000B Datasheet HTML 12Page - Macronix International MX26C2000B Datasheet HTML 13Page - Macronix International MX26C2000B Datasheet HTML 14Page - Macronix International MX26C2000B Datasheet HTML 15Page - Macronix International MX26C2000B Datasheet HTML 16Page - Macronix International MX26C2000B Datasheet HTML 17Page - Macronix International MX26C2000B Datasheet HTML 18Page - Macronix International MX26C2000B Datasheet HTML 19Page - Macronix International MX26C2000B Datasheet HTML 20Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
REV. 0.8, NOV. 20, 2002
P/N: PM0765
MX26C2000B
AC WAVEFORMS FOR PROGRAMMING OPERATIONS
Addresses
CE
OE
WE
Data
VCC
tAVAV(tWC)
tAVWL(tAS)
tELWL(tCS)
tWHEH(tCH)
tGHWL(tDES)
tWLWH(tWP)
tWHWL(tWPH)
tVCS
tVPEL
tDVWH(tDS)
tWHDX(tDH)
tAVAV(tRC)
tEHQZ(tDF)
tGHQZ(tDF)
tGLQX(tOLZ)
tGLQV(tOE)
tAXQX(tOH)
tELQX(tLZ)
tELQV(tCE)
tAVWL(tAS)
tWHWH1
tWHGL
tWLAX(tAH)
Power-Up
Standby
Setup Program
Program Command
Latch Address
and Data
Programming
Verify
Command
Programming
Verification
Standby
Power-Down
DATA
IN=20h
DATA
IN=20h
5V
0V
VPP
VPPH
VPPL
DATA
IN=C0h
VALID DATA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com