Electronic Components Datasheet Search
  English  ▼

X  

MX27C2000API-90 Datasheet(PDF) 14 Page - Macronix International

Part # MX27C2000API-90
Description  2M-BIT [256K x 8] CMOS EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000API-90 Datasheet(HTML) 14 Page - Macronix International

Back Button MX27C2000API-90 Datasheet HTML 7Page - Macronix International MX27C2000API-90 Datasheet HTML 8Page - Macronix International MX27C2000API-90 Datasheet HTML 9Page - Macronix International MX27C2000API-90 Datasheet HTML 10Page - Macronix International MX27C2000API-90 Datasheet HTML 11Page - Macronix International MX27C2000API-90 Datasheet HTML 12Page - Macronix International MX27C2000API-90 Datasheet HTML 13Page - Macronix International MX27C2000API-90 Datasheet HTML 14Page - Macronix International MX27C2000API-90 Datasheet HTML 15Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
REV. 2.0, AUG. 27, 2003
P/N: PM0708
MX27C2000A
REVISION HISTORY
Revision No. Description
Page
Date
1.1
Cencel 70/90ns speed
P1,6,7,10
MAY/11/2000
Cancel SOP/TSOP package type
P1,6,7,10,11
Add "Advance Information"
P1
1.2
Modify Fast Programming Flowchart--Program One 100us Pulse
P4
JUL/06/2000
-->10us Pulse
Modify AC Programming Characteristics--tPW 95-->10(MIN.)
P8
1.3
Cencel 150ns speed
P1,5,6,7,10
JUL/13/2000
1.4
Add tPW(MAX.):50us
P7
SEP/01/2000
1.5
Modify Fast access time:100-->90
P1
SEP/08/2000
Modify Absolute Naximum Ratings--Ambient Operation Temperature P6
0°C to 70°C --> -40°C to 85°C
Modify AC Characteristics tACC&tEC:100-->90 ; tOE:45-->40 ;
P7
tDF:30-->25
Add Order Information--> -40°C to 85°C Operating Temperature
P9
1.6
Change device ID code from 21H to C3H
P3
DEC/28/2000
1.7
To change data sheet title to Preliminary
P1
MAR/15/2001
To added access time 100/150ns and 32SOP/TSOP type package P1,6,7,9
1.8
To modify Package Information
P10~13
JUL/19/2001
1.9
To modify Package Information
P10~13
NOV/20/2002
2.0
To modify 32-PLCC package information
P12
AUG/27/2003
A1: from 0.50mm(0.020 inch)/nom. to 0.58mm(0.023 inch)/nom.
from 0.66mm(0.026 inch)/nom. to 0.81mm(0.032 inch)/nom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com