Electronic Components Datasheet Search
  English  ▼

X  

UCD4021BG-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UCD4021BG-S16-R
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4021BG-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UCD4021BG-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 8Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 9Page - Unisonic Technologies UCD4021BG-S16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UCD4021B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-889.b
SWITCHING CHARACTERISTICS (TA =25°C, Input tr, tf =20ns, CL =50Pf, RL = 200KΩ)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay Time
tPLH / tPHL
VDD=5V
160
320
ns
VDD=10V
80
160
VDD=15V
60
120
Transition Time
tTHL/ tTLH
VDD=5V
100
200
ns
VDD=10V
50
100
VDD=15V
40
80
Maximum Clock Input Frequency
fCL
VDD=5V
3
6
MHz
VDD=10V
6
12
VDD=15V
8.5
17
Minimum Clock Pulse Width
tW
VDD=5V
90
180
ns
VDD=10V
40
80
VDD=15V
25
50
Clock Rise and Fall Time
tr / tf
VDD=5V
15
μs
VDD=10V
15
VDD=15V
15
Minimum Setup Time, Serial Inputs
tS
VDD=5V
60
120
ns
VDD=10V
40
80
VDD=15V
30
60
Minimum Setup Time, Parallel
Inputs
tS
VDD=5V
25
50
ns
VDD=10V
15
30
VDD=15V
10
20
Minimum Setup Time,
Parallel/Serial Control
tS
VDD=5V
90
180
ns
VDD=10V
40
80
VDD=15V
30
60
Minimum Hold Time, Serial In,
Parallel In, Parallel/Serial Control
tH
VDD=5V
0
ns
VDD=10V
0
VDD=15V
0
Minimum P/S Pulse Width
tWH
VDD=5V
80
160
ns
VDD=10V
40
80
VDD=15V
25
50
Minimum P/S Removal Time
tREM
VDD=5V
140
280
ns
VDD=10V
70
140
VDD=15V
50
100
Average Input Capacitance
CI
Any Input
5
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com