Electronic Components Datasheet Search
  English  ▼

X  

DB107G Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # DB107G
Description  Ideal for printed circuit board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

DB107G Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  DB107G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. DB107G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. DB107G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 600 V - 1000 V
IO = 1 A
Features
• Ideal for printed circuit board
DB Package
• Not ESD Sensitive
Mechanical Data
Pt
Sb l
DB105G
DB106G
Uit
• Reliable low cost construction utilizing molded
plastic technique
• Types from 600 V up to 1000 V VRRM
Cditi
• Small size, simple installation
Polarity: Polarrity symbols marked on the body
• High surge current capability
Case: Molded plastic
Terminals: Plated terminals, solderable per MIL-STD-
202, Method 208
DB105G thru DB107G
DB107G
Maximum ratings at Tc = 25 °C, unless otherwise specified
Mounting position: Any
Single Phase Glass Passivated
Silicon Bridge Rectifier
Parameter
Symbol
DB105G
DB106G
Unit
Repetitive peak reverse voltage
VRRM
600
800
V
RMS reverse voltage
VRMS
420
560
V
DC blocking voltage
VDC
600
800
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
DB105G
DB106G
Unit
Maximum average forward
rectified current
IO
1.0
1.0
A
Peak forward surge current
IFSM
30
30
A
Maximum instantaneous forward
voltage drop
1.1
1.1
55
500
500
Typical junction capacitance
Cj
25
25
pF
Typical thermal resistance
R
ΘJC
20
20
°C/W
25
Conditions
1000
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
20
Ta = 40 °C
1.0
tp = 8.3 ms, half sine
30
-55 to 150
5
DB107G
Ta = 125 °C
1.1
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
500
Ta = 25 °C
IF = 1.0 A
Conditions
1000
700
DB107G
-55 to 150
Maximum DC reverse current at
rated DC blocking voltage
IR
VF
μA
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Similar Part No. - DB107G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DB107G ZOWIE-DB107G Datasheet
52Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
DB107G TSC-DB107G Datasheet
122Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB107G LUGUANG-DB107G Datasheet
248Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
DB107G KINGTRONICS-DB107G Datasheet
216Kb / 18P
BRIDGE RECTIFIER
logo
America Semiconductor, ...
DB107G AMERICASEMI-DB107G Datasheet
440Kb / 2P
BRIDGE RECTIFIERS
More results

Similar Description - DB107G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
Ideal for printed circuit board
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
Ideal for printed circuit board
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
Ideal for printed circuit board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com