Electronic Components Datasheet Search
  English  ▼

X  

MIC1232 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC1232
Description  關P Supervisory Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1232 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC1232 Datasheet HTML 1Page - Micrel Semiconductor MIC1232 Datasheet HTML 2Page - Micrel Semiconductor MIC1232 Datasheet HTML 3Page - Micrel Semiconductor MIC1232 Datasheet HTML 4Page - Micrel Semiconductor MIC1232 Datasheet HTML 5Page - Micrel Semiconductor MIC1232 Datasheet HTML 6Page - Micrel Semiconductor MIC1232 Datasheet HTML 7Page - Micrel Semiconductor MIC1232 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
+
-
REF
WATCHDOG
TIMER
VCC (8)
GND (4)
RST (5)
TD (2)
RST (6)
RESET
GENERATOR
ST (7)
TIMEOUT
SELECT
PBRST (1)
MANUAL RESET
DEBOUNCE
TRIP POINT
SELECT
TOL (3)
Block Diagram
Table 1. Watchdog Timeout Period
Circuit Description
tTD
TD Pin
Min.
Typ.
Max.
Gnd
62.5ms
150ms
250ms
Open
250ms
600ms
1000ms
VCC
500ms
1200ms
2000ms
MIC1232
µP Supervisory Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com