Electronic Components Datasheet Search
  English  ▼

X  

MIC1232M Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC1232M
Description  關P Supervisory Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1232M Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC1232M Datasheet HTML 1Page - Micrel Semiconductor MIC1232M Datasheet HTML 2Page - Micrel Semiconductor MIC1232M Datasheet HTML 3Page - Micrel Semiconductor MIC1232M Datasheet HTML 4Page - Micrel Semiconductor MIC1232M Datasheet HTML 5Page - Micrel Semiconductor MIC1232M Datasheet HTML 6Page - Micrel Semiconductor MIC1232M Datasheet HTML 7Page - Micrel Semiconductor MIC1232M Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Note 1: ICC is measured with outputs open and inputs within 0.5V of supply rails.
Note 2: PBRST has an internal pull-up resistor to VCC (typ. 40kΩ).
Note 3: Guaranteed by design.
Note 4: PBRST must be held low for a minimum of 20ms to guarantee a reset.
Note 5: VCC falling at 1.66mv/µs.
Note 6: RST has an open drain output.
3
MIC1232
µP Supervisory Circuit
A.C. Electrical Characteristics
VCC = 4.5V to 5.5V, TA = Operating Temperature Range, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
PBRST Min. Pulse Width, tPB
PBRST = VIL (see note 4)
20
ms
PBRST Delay, tPBD
1
4
20
ms
Reset Active Time, tRST
250
610
1000
ms
ST Pulse Width, tST
20
ns
ST Timeout Period, tTD
TD = 0V
62.5
150
250
ms
TD = Open
250
600
1000
TD = VCC
500
1200
2000
VCC Fall Time, tF
10
µs
VCC Rise Time, tR
0
ns
VCC Detect to RST Low
VCC Falling (see note 5)
50
150
µs
and RST High, tRPD
VCC Detect to RST Open
VCC Rising (see note 6)
250
610
1000
ms
and RST Low, tRPU



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com