Electronic Components Datasheet Search
  English  ▼

X  

MIC2025 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2025
Description  Single-Channel Power Distribution Switch Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2025 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2025 Datasheet HTML 1Page - Micrel Semiconductor MIC2025 Datasheet HTML 2Page - Micrel Semiconductor MIC2025 Datasheet HTML 3Page - Micrel Semiconductor MIC2025 Datasheet HTML 4Page - Micrel Semiconductor MIC2025 Datasheet HTML 5Page - Micrel Semiconductor MIC2025 Datasheet HTML 6Page - Micrel Semiconductor MIC2025 Datasheet HTML 7Page - Micrel Semiconductor MIC2025 Datasheet HTML 8Page - Micrel Semiconductor MIC2025 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC2025/2075
Micrel
MIC2025/2075
2
March 2000
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Switch Enable (Input): Active-high (-1) or active-low (-2).
2
FLG
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent or
thermal shutdown conditions. Overcurrent condition must exceed t
D in order
to assert FLG.
3
GND
Ground
4
NC
not internally connected
5
NC
not internally connected
6, 8
OUT
Supply (Output): Pins must be connected together.
7
IN
Supply Voltage (Input).
Ordering Information
Part Number
Enable
Temperature Range
Package
MIC2025-1BM
Active High
–40
°C to +85°C
8-lead SOP
MIC2025-2BM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2025-1BMM
Active High
–40
°C to +85°C
8-lead MSOP
MIC2025-2BMM
Active Low
–40
°C to +85°C
8-lead MSOP
MIC2075-1BM
Active High
–40
°C to +85°C
8-lead SOP
MIC2075-2BM
Active Low
–40
°C to +85°C
8-lead SOP
MIC2075-1BMM
Active High
–40
°C to +85°C
8-lead MSOP
MIC2075-2BMM
Active Low
–40
°C to +85°C
8-lead MSOP
Pin Configuration
1
2
3
4
8
7
6
5
OUT
IN
OUT
NC
EN
FLG
GND
NC
MIC2025/75
8-Lead SOP (BM)
8-Lead MSOP (BMM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com