Electronic Components Datasheet Search
  English  ▼

X  

MIC2070 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2070
Description  USB Power Controller Advance Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2070 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2070 Datasheet HTML 1Page - Micrel Semiconductor MIC2070 Datasheet HTML 2Page - Micrel Semiconductor MIC2070 Datasheet HTML 3Page - Micrel Semiconductor MIC2070 Datasheet HTML 4Page - Micrel Semiconductor MIC2070 Datasheet HTML 5Page - Micrel Semiconductor MIC2070 Datasheet HTML 6Page - Micrel Semiconductor MIC2070 Datasheet HTML 7Page - Micrel Semiconductor MIC2070 Datasheet HTML 8Page - Micrel Semiconductor MIC2070 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC2010
Micrel
MIC2010
4
September 2000
Absolute Maximum Ratings (Note 1, Note 4)
Supply Voltage (V
IN) ........................................ –0.3V to 6V
FAULT#, OUT1, OUT2 Output Pins ................. –0.3V to 6V
FAULT1,FAULT2, Output Current .............................. 25mA
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
MAIN, VAUX) ..................... +4.5V to +5.5V
Continuous Output Current (AUX Mode) .. 50mA to 300mA
Ambient Temperature (T
A) ........................... –0°C to +70°C
Junction Temperature (T
J) ....................... Internally Limited
Package Thermal Resistance
QSOP
(θ
JA) ........................................................ 163°C/W
Electrical Characteristics
V
MAIN = 5V; AUX = 5V; RSET = 125Ω, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
MAIN
MAIN Supply Voltage
4.5
5.0
5.5
V
I
MAIN
MAIN Supply Current
S3# = 1, both switches ON, no load
16
22
µA
Note 5
S3# = 1, both switches OFF, no load
5
µA
I
LEAK
MAIN Reverse Leakage Current,
S3# = 0, both switches ON, V
MAIN = 0V
–10
+10
µA
Note 5
V
AUX
AUX Supply Voltage
4.5
5.0
5.5
V
I
AUX
AUX Supply Current, Note 5
S3# = 0; No load, both switches ON
.6
1
mA
S3# = 0; No load, both switches OFF
5
µA
V
UV/AUX
AUX Undervoltage Lockout
V
AUX increasing
3.5
3.7
4.0
V
Threshold
V
AUX decreasing
3.3
3.5
3.8
V
V
HYS
AUX Undervoltage Lockout
200
mV
Hysteresis
R
DSMAIN
MAIN On-Resistance, Each Output
S3# = 1, I
OUT = 500mA
100
140
m
Ω
R
DSAUX
AUX On-Resistance, Each Output
S3# = 0, I
OUT = 100mA
500
700
m
Ω
I
LIMIT
MAIN Current-Limit Threshold,
S3# = 1, V
OUT = 4.0V, ramped load
0.5
1.25
A
MAIN Short-Circuit Current-Limit
V
OUT = 0V
0.5
1.25
A
Current-Limit Factor (AUX Supply),
S3# = 0, I
OUT = 50mA to 300mA
14.4
18
21.6
A •
Ω
Note 6
V
OUT = 4V
V
TH
S3#, EN1, EN2
High-to-Low transition
.8
1.5
V
Input Threshold Voltage
Low-to-High transition
1.7
2.0
V
I
IN
S3#, EN1, EN2 Input Current
V
S3/EN =5V, 0V
–11
µA
V
HYS
EN1, EN2 and S3# Input Hysteresis
200
mV
I
OFF
OUT1, 2 Leakage Current
Outputs are off, V
OUT = 0
–10
10
µA
Pull-Up Current During Latched
Outputs latched off
TBD
1
TBD
mA
Output State (MIC2070-x only)
V
TH LATCH
Latch Reset Threshold
V
OUT rising
1.95
V
Minimum Output Slew Rate
Output rising
.4
V/s
to Reset Latch (MIC2070-x only),
Note 7
Overtemperature Threshold
T
J increasing, single channel
140
°C
T
J decreasing, single channel
120
°C
T
J increasing, both channels
160
°C
T
J decreasing, both channels
150
°C
V
OL
FAULT1, 2 Output Low Voltage
I
FAULT = 5mA
0.2
V
FAULT1, 2 Output Off Current
V
FAULT = 5V
0.2
10
µA
(Not Applicable for 'P' versions)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com