Electronic Components Datasheet Search
  English  ▼

X  

MIC2171 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2171
Description  100kHz 2.5A Switching Regulator Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2171 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2171 Datasheet HTML 1Page - Micrel Semiconductor MIC2171 Datasheet HTML 2Page - Micrel Semiconductor MIC2171 Datasheet HTML 3Page - Micrel Semiconductor MIC2171 Datasheet HTML 4Page - Micrel Semiconductor MIC2171 Datasheet HTML 5Page - Micrel Semiconductor MIC2171 Datasheet HTML 6Page - Micrel Semiconductor MIC2171 Datasheet HTML 7Page - Micrel Semiconductor MIC2171 Datasheet HTML 8Page - Micrel Semiconductor MIC2171 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2171
Micrel
4-4
1997
Ordering Information
Part Number
Temperature Range
Package
MIC2171BT
–40
°C to +85°C
5-lead TO-220
MIC2171BU
–40
°C to +85°C
5-lead TO-263
5-lead TO-263 (BU)
5-lead TO-220 (BT)
Tab GND
5IN
4SW
3 GND
2FB
1 COMP
Pin Configuration
Tab GND
5IN
4SW
3 GND
2FB
1 COMP
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
Frequency Compensation: Output of transconductance-type error amplifier.
Primary function is for loop stabilization. Can also be used for output voltage
soft-start and current limit tailoring.
2
FB
Feedback: Inverting input of error amplifier. Connect to external resistive
divider to set power supply output voltage.
3
GND
Ground: Connect directly to the input filter capacitor for proper operation
(see applications info).
4
SW
Power Switch Collector: Collector of NPN switch. Connect to external
inductor or input voltage depending on circuit topology.
5
IN
Supply Voltage: 3.0V to 40V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com