Electronic Components Datasheet Search
  English  ▼

X  

MBR0503 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MBR0503
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MBR0503 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MBR0503 Datasheet HTML 1Page - Micrel Semiconductor MBR0503 Datasheet HTML 2Page - Micrel Semiconductor MBR0503 Datasheet HTML 3Page - Micrel Semiconductor MBR0503 Datasheet HTML 4Page - Micrel Semiconductor MBR0503 Datasheet HTML 5Page - Micrel Semiconductor MBR0503 Datasheet HTML 6Page - Micrel Semiconductor MBR0503 Datasheet HTML 7Page - Micrel Semiconductor MBR0503 Datasheet HTML 8Page - Micrel Semiconductor MBR0503 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
June 2000
5
MIC2141
MIC2141
Micrel
14.00
14.20
14.40
14.60
14.80
15.00
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
V
IN = 5V
L = 33
µH
0
10
20
30
40
50
60
70
80
90
2468
10
12
INPUT VOLTAGE (V)
Ripple Voltage vs.
Input Voltage
V
OUT = 15V
I
L = 1mA
L = 100
µH
0
10
20
30
40
50
60
70
80
90
100
012
34
OUTPUT CURRENT (mA)
Efficiency
BAT54HT1 Diode
1N4148 Diode
V
IN = 5V
V
OUT = 15V
L = 33
µH
0
1
2
3
4
5
6
7
8
9
2
4
6
8
10
12
14
INPUT VOLTAGE (V)
On-Resistance vs.
Input Voltage
0
100
200
300
400
500
600
700
800
900
2
4
6
8
10
12
14
INPUT VOLTAGE (V)
Switch Voltage Drop
vs. Input Voltage
I
DS = 100mA
0
1
2
3
4
5
6
7
8
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Switch On-Resistance
vs. Temperature
V
IN = 3.3V
0
100
200
300
400
500
600
700
800
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Switch Voltage Drop
vs. Temperature
V
IN = 3.3V
I
D = 100mA
78
80
82
84
86
88
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
IN = 5V
5.90
5.92
5.94
5.96
5.98
6.00
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Gain
vs. Temperature
V
IN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com