Electronic Components Datasheet Search
  English  ▼

X  

MIC2178 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2178
Description  2.5A Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2178 Datasheet HTML 8Page - Micrel Semiconductor MIC2178 Datasheet HTML 9Page - Micrel Semiconductor MIC2178 Datasheet HTML 10Page - Micrel Semiconductor MIC2178 Datasheet HTML 11Page - Micrel Semiconductor MIC2178 Datasheet HTML 12Page - Micrel Semiconductor MIC2178 Datasheet HTML 13Page - Micrel Semiconductor MIC2178 Datasheet HTML 14Page - Micrel Semiconductor MIC2178 Datasheet HTML 15Page - Micrel Semiconductor MIC2178 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MIC2178
Micrel
MIC2178
12
June 1998
The feedback resistors, RC compensation network, and
BIAS pin bypass capacitor should be located close to their
respective pins. To prevent ground bounce, their ground
traces and SGND should not be in the path of switching
BIAS
SGND
PWRGD
COMP
PGND
FB
SW
VIN
C2
100µF
10V
VOUT
3.3V/1A
L1
50µH
C4
6.8nF
C3
0.01µF
MIC2178
PWM
Skip Mode
PWM Mode
SYNC
EN
R1
20k
R2
10k
VIN
4.5V to 16.5V
C1
22µF
35V
U1
20
11
10
18
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS130L
U1 Micrel
MIC2178-3.3BWM
C1 AVX
TPSE226M035R0300, ESR = 0.3
Ω
C2 AVX
TPSD107M010R0100, ESR = 0.1
Ω
C3 Z5UorX7R Ceramic Dielectric Material
C4 X7RorNP0 Ceramic Dielectric Material
D1 Motorola
MBRS130LT3
L1
Coiltronics CTX50-4P, DCR = 0.097
Ω
L1
Coilcraft
DO3316P-473, DCR = 0.12
Ω
L1
Bi
HM77-11003, DCR = 0.073
Ω
Figure 1. MIC2178 4.5V–16.5V to 3.3V/1A Regulator
BIAS
SGND
PWRGD
COMP
PGND
FB
SW
VIN
C2
100µF
10V
VOUT
5V/1A
L1
50µH
C4
6.8nF
C3
0.01µF
MIC2178
PWM
Skip Mode
PWM Mode
SYNC
EN
R1
20k
R2
10k
VIN
5.4V to 16.5V
C1
22µF
35V
U1
20
11
10
18
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS130L
U1 Micrel
MIC2178-5.0BWM
C1 AVX
TPSE226M035R0300, ESR = 0.3
Ω
C2 AVX
TPSD107M010R0100, ESR = 0.1
Ω
C3 Z5UorX7R Ceramic Dielectric Material
C4 X7RorNP0 Ceramic Dielectric Material
D1 Motorola
MBRS130LT3
L1
Coiltronics CTX50-4P, DCR = 0.097
Ω
L1
Coilcraft
DO3316P-473, DCR = 0.12
Ω
L1
Bi
HM77-11003, DCR = 0.073
Ω
Figure 2. MIC2178 5.4V–16.5V to 5V/1A Regulator
currents returning to the power supply ground bus. SGND
and PGND should be tied together by a ground plane that
extends under the MIC2178.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com