Electronic Components Datasheet Search
  English  ▼

X  

MIC2184 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2184
Description  Low Voltage Buck PWM Control IC Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2184 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2184 Datasheet HTML 1Page - Micrel Semiconductor MIC2184 Datasheet HTML 2Page - Micrel Semiconductor MIC2184 Datasheet HTML 3Page - Micrel Semiconductor MIC2184 Datasheet HTML 4Page - Micrel Semiconductor MIC2184 Datasheet HTML 5Page - Micrel Semiconductor MIC2184 Datasheet HTML 6Page - Micrel Semiconductor MIC2184 Datasheet HTML 7Page - Micrel Semiconductor MIC2184 Datasheet HTML 8Page - Micrel Semiconductor MIC2184 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2184
Micrel
MIC2184
2
December 10, 2001
Pin Configuration
1
VINA
FreqOut
SS
COMP
SGND
FB
EN/UVLO
CSL
16 VINP
FREQ/2
OUTP
VREF
PGND
SYNC
VDD
CSH
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16 Lead SOIC
(M)
Ordering Information
Part Number
Output Voltage
Frequency
Junction Temp. Range
Package
MIC2184BM
Adjustable
400KHz
–40
°C to +125°C
16-lead SOP
MIC2184BQS
Adjustable
400KHz
–40
°C to +125°C
16-lead QSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com