Electronic Components Datasheet Search
  English  ▼

X  

MIC2514 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2514
Description  IttyBitty??Integrated High-Side Switch Preliminary Information
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2514 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2514 Datasheet HTML 1Page - Micrel Semiconductor MIC2514 Datasheet HTML 2Page - Micrel Semiconductor MIC2514 Datasheet HTML 3Page - Micrel Semiconductor MIC2514 Datasheet HTML 4Page - Micrel Semiconductor MIC2514 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1997
6-19
MIC2514
Micrel
6
Absolute Maximum Ratings
Supply Voltage (V
IN) ................................................... +20V
Output Current (I
OUT) ............................... Internally Limited
Control Input (V
CTL) ....................................... –0.3V to 15V
Storage Temperature (T
A) ....................... –65°C to +150°C
Operating Ratings
Supply Voltage (V
IN) .................................... +3V to +13.5V
Ambient Operating Temperature (T
A) ........ –40°C to +85°C
Thermal Resistance
(θ
JA) ................................................................... 220°C/W
(θ
JC) .................................................................. 130°C/W
Electrical Characteristics
V
IN = +5V; TA = 25°C, except bold values indicate –40°C ≤ TA ≤ 85°C, Note 1; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Current
V
CTL = logic 0, VIN = 5V
0.6
10
µA
V
CTL = logic 0, VIN = 13.5V
2.0
25
µA
V
CTL = logic 1, VIN = 3V
10
20
µA
V
CTL = logic 1, VIN = 5V
25
40
µA
V
CTL = logic 1, VIN = 13.5V
95
200
µA
Control Input Voltage
V
CTL = logic 0, 3V ≤ VIN ≤ 13.5V
0
0.8
V
V
CTL = logic 1, 3V ≤ VIN ≤ 5V
0.8
1.45
2.0
V
V
CTL = logic 1, 5V ≤ VIN ≤ 13.5V
0.8
1.65
2.3
V
Output MOSFET Resistance
V
IN = 3V
2.4
4.5
Ω
V
IN = 5V
1.5
2.4
Ω
2.7
Ω
V
IN = 12V
.95
1.5
Ω
1.7
Ω
Current Limit Threshold
V
IN = 3V
0.5
1.5
A
V
IN = 5V
1.0
1.4
2.0
A
V
IN = 12V
1.2
1.9
2.5
A
General Note: Devices are ESD protected, however, handling precautions recommended.
Note 1: Devices production tested at 25
°C, but Devices guaranteed over indicated temperature range.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com