Electronic Components Datasheet Search
  English  ▼

X  

MIC2524 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2524
Description  Quad USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2524 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2524 Datasheet HTML 1Page - Micrel Semiconductor MIC2524 Datasheet HTML 2Page - Micrel Semiconductor MIC2524 Datasheet HTML 3Page - Micrel Semiconductor MIC2524 Datasheet HTML 4Page - Micrel Semiconductor MIC2524 Datasheet HTML 5Page - Micrel Semiconductor MIC2524 Datasheet HTML 6Page - Micrel Semiconductor MIC2524 Datasheet HTML 7Page - Micrel Semiconductor MIC2524 Datasheet HTML 8Page - Micrel Semiconductor MIC2524 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2524/2527
Micrel
MIC2524/2527
2
June 1999
Pin Description
Pin Number
Pin Name
Pin Function
1
FLGA
Flag A: (Output): Channel A open-drain fault flag output.
2
ENA
Enable A (Input): Channel A control input.
3
OUTA
Output A: Channel A switch output.
4, 12
GND
Ground: Supply return. Connect both pins to ground.
5
IN(C/D)
Supply Input: Channel C and D switch, logic, and charge-pump supply input.
6
OUTC
Output C: Channel C switch output.
7
ENC
Enable C (Input): Channel C control input.
8
FLGC
Flag C (Output): Channel C open-drain fault flag output.
9
FLGD
Flag D (Output): Channel D open-drain fault flag output.
10
END
Enable D (Input): Channel D control input.
11
OUTD
Output D: Channel D switch output.
13
IN(A/B)
Supply Input: Channel A and B switch, logic, and charge-pump supply input.
14
OUTB
Output B: Channel B switch output.
15
ENB
Enable B (Input): Channel B control input.
16
FLGB
Flag B (Output): Channel B open-drain fault flag output.
Pin Configuration
1
2
3
4
16
15
14
13
FLGB
ENB
OUTB
IN(A/B)
FLGA
ENA
OUTA
GND
5
6
7
8
12
11
10
9
GND
OUTD
END
FLGD
IN(C/D)
OUTC
ENC
FLGC
16-Pin SOIC (WM)
16-Pin DIP (N)
Ordering Information
Part Number
On-Resistance
Enable
Temperature Range
Package
MIC2524-1BWM
100m
Ω typ.
Active High
–40
°C to +85°C
16-Pin SOIC
MIC2524-1BN
100m
Ω typ.
Active High
–40
°C to +85°C
16-pin DIP
MIC2524-2BWM
100m
Ω typ.
Active Low
–40
°C to +85°C
16-Pin SOIC
MIC2524-2BN
100m
Ω typ.
Active Low
–40
°C to +85°C
16-pin DIP
MIC2527-1BWM
200m
Ω typ.
Active High
–40
°C to +85°C
16-Pin SOIC
MIC2527-1BN
200m
Ω typ.
Active High
–40
°C to +85°C
16-pin DIP
MIC2527-2BWM
200m
Ω typ.
Active Low
–40
°C to +85°C
16-Pin SOIC
MIC2527-2BN
200m
Ω typ.
Active Low
–40
°C to +85°C
16-pin DIP
LOGIC,
CHARGE
PUMP
LOGIC,
CHARGE
PUMP
3 OUTA
14 OUTB
13 IN(A/B)
ENA 2
FLGA 1
ENB 15
FLGB 16
LOGIC,
CHARGE
PUMP
LOGIC,
CHARGE
PUMP
6 OUTC
11 OUTD
5 IN(C/D)
ENC 7
FLGC 8
END 10
FLGD 9
12
4 GND
Functional Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com